Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT81R09 Datasheet(PDF) 1 Page - Holtek Semiconductor Inc

Part # HT81R09
Description  EasyVoice Speech
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT81R09 Datasheet(HTML) 1 Page - Holtek Semiconductor Inc

  HT81R09 Datasheet HTML 1Page - Holtek Semiconductor Inc HT81R09 Datasheet HTML 2Page - Holtek Semiconductor Inc HT81R09 Datasheet HTML 3Page - Holtek Semiconductor Inc HT81R09 Datasheet HTML 4Page - Holtek Semiconductor Inc HT81R09 Datasheet HTML 5Page - Holtek Semiconductor Inc HT81R09 Datasheet HTML 6Page - Holtek Semiconductor Inc HT81R09 Datasheet HTML 7Page - Holtek Semiconductor Inc HT81R09 Datasheet HTML 8Page - Holtek Semiconductor Inc HT81R09 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
HT81XXX
EasyVoiceTM Speech
Selection Table
Part No.
Mask
HT81003
HT81006
HT81009
HT81012
HT81018
OTP
HT81R03
HT81R09
HT81R18
HT81R36
Voice Capacity
3 sec
6 sec
9 sec
12 sec
18 sec
36 sec
Note:
The voice capacity is calculated based on 5kHz sampling rate.
For 3-second capacity HT81003/HT81R03 devices, refer to the its relevant data sheet.
Rev. 1.40
1
March 1, 2005
Features
· Operating voltage: 2.4V~5V
· Directly drives an external transistor
· PWM function directly driver speaker
· Low standby current (1mA typ. for VDD=3V)
· Minimal external components
· 240 notes table ROM for key functions
· Programmable silence length and end-pulse width
(minimal end-pulse width is 1.3ms at 8kHz sampling
rate)
· Controllable volume
· FLAG1 options
- End-pulse output
- 3Hz, 3HzB flash
- 6Hz, 6HzB flash
- Busy output
- OFF
· FLAG2 options
- 3Hz flash
- 6Hz flash
- Busy output
- OFF
· 6 keys (Directed)
· 8 keys (Matrix key)
· Key options
- Sequential/Directed
- Repeat (KEY2~KEY6)
- STOP key (KEY6)
- Key debounce time: 1.2ms, 22ms, 45ms
(based on a 8kHz sampling rate)
- One shot/Normal
- Pull-high resistance: 0, 50kW, 100kW, 200kW
· Section options
- Retriggerable
- Non-retriggerable
· Dice form or 16-pin DIP package
General Description
The EasyVoice
TM is a single-chip voice synthesizer LSI .
The chip when triggered drives a speaker directly or
through an external transistor with a PWM output. Negli-
gible current is consumed in the standby state.
The HT81XXX provides direct key or Matrix key input
and 2 programmable FLAG outputs. With 2.4V~5.0V
power supply, a complete synthesized voice playback
system can be easily built with very few external compo-
nents.
The customer
¢s voice sources are recorded section by
section into an internal mask ROM. The instructions of
section playback arrangement of each key are stored in
the table ROM. The key features are also programma-
ble. With such a flexible structure, the EasyVoice
TM is
excellent for versatile voice applications.
Applications
· Leisure products
· Alarm clocks
· Alert and warning system
· Sound effect generators
EasyVoice
TM is a trademark of Holtek Semiconductor Inc.


Similar Part No. - HT81R09

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT81R09 HOLTEK-HT81R09 Datasheet
206Kb / 19P
EasyVoiceTM Speech
November 21, 2006
More results

Similar Description - HT81R09

ManufacturerPart #DatasheetDescription
logo
SONiX Technology Compan...
SN67007 SONIX-SN67007 Datasheet
101Kb / 5P
Speech Controller
SN67013 SONIX-SN67013 Datasheet
102Kb / 4P
Speech Controller
SN67025 SONIX-SN67025 Datasheet
103Kb / 4P
Speech Controller
SN67040 SONIX-SN67040 Datasheet
103Kb / 5P
Speech Controller
SN67061 SONIX-SN67061 Datasheet
102Kb / 4P
Speech Controller
SN67120 SONIX-SN67120 Datasheet
103Kb / 5P
Speech Controller
SN68009 SONIX-SN68009 Datasheet
104Kb / 5P
Speech Controller
SN68340 SONIX-SN68340 Datasheet
104Kb / 5P
Speech Controller
logo
List of Unclassifed Man...
HM2007 ETC1-HM2007 Datasheet
1Mb / 21P
SPEECH RECOGNITION
SC-01 ETC1-SC-01 Datasheet
1Mb / 41P
Speech Synthesizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com