Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9481 Datasheet(PDF) 21 Page - Analog Devices

Part # AD9481
Description  3.3 V A/D Converter
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9481 Datasheet(HTML) 21 Page - Analog Devices

Back Button AD9481 Datasheet HTML 17Page - Analog Devices AD9481 Datasheet HTML 18Page - Analog Devices AD9481 Datasheet HTML 19Page - Analog Devices AD9481 Datasheet HTML 20Page - Analog Devices AD9481 Datasheet HTML 21Page - Analog Devices AD9481 Datasheet HTML 22Page - Analog Devices AD9481 Datasheet HTML 23Page - Analog Devices AD9481 Datasheet HTML 24Page - Analog Devices AD9481 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 29 page
background image
AD9481
Rev. 0 | Page 20 of 28
Table 9. S1 Voltage Levels
S1 Voltage
Data Format
Duty Cycle
Stabilizer
(0.9 × AVDD)
→ AVDD
Offset binary
Disabled
(2/3 × AVDD) ± (0.1 × AVDD)
Offset binary
Enabled
(1/3 × AVDD) ± (0.1 × AVDD)
Twos complement
Enabled
AGND
→ (0.1 × AVDD)
Twos complement
Disabled
DIGITAL OUTPUTS
The CMOS digital outputs are TTL-/CMOS-compatible for
lower power consumption. The outputs are biased from a
separate supply (DRVDD), allowing easy interface to external
logic. The outputs are CMOS devices that swing from ground to
DRVDD (with no dc load). It is recommended to minimize the
capacitive load the ADC drives by keeping the output traces
short (< 2 inch, for a total CLOAD < 5 pF). When operating in
CMOS mode, it is also recommended to place low value series
damping resistors on the data lines close to the ADC to reduce
switching transient effects on performance.
Table 10. Output Coding (FS = 1 V)
Code
(VIN+) − (VIN−)
Offset Binary
Twos Complement
255
> +0.512 V
1111 1111
0111 1111
255
+0.512 V
1111 1111
0111 1111
254
+0.508 V
1111 1110
0111 1110
•
•
•
•
•
•
•
•
129
+0.004 V
1000 0001
0000 0001
128
+0.0 V
1000 0000
0000 0000
127
−0.004 V
0111 1111
1111 1111
•
•
•
•
•
•
•
•
2
−0.504 V
0000 0010
1000 0010
1
−0.508 V
0000 0001
1000 0001
0
−0.512 V
0000 0000
1000 0000
0
< −0.512 V
0000 0000
1000 0000
INTERLEAVING TWO AD9481s
Instrumentation applications may prefer to interleave (or ping-
pong) two AD9481s to achieve twice the sample rate, or
500 MSPS. In these applications, it is important to match the
gain and offset of the two ADCs. Varying the reference voltage
allows the gain of the ADCs to be adjusted; external dc offset
compensation can be used to reduce offset mismatch between
two ADCs. The sampling phase offset between the two ADCs
is extremely important as well and requires very low skew
between clock signals driving the ADCs (< 2 ps clock skew
for a 100 MHz analog input frequency).
DATA CLOCK OUT
A data clock is available at DCO+ and DCO−. These clocks can
facilitate latching off-chip, providing a low skew clocking
solution. The on-chip delay of the DCO clocks tracks with the
on-chip delay of the data bits, (under similar loading) such that
the variation between tPD and tCPD is minimized. It is
recommended to keep the trace lengths on the data and DCO
pins matched and 2 inches maximum. A series damping resistor
at the clock outputs is also recommended. The DCO outputs
can be disabled and placed in a high impedance state by tying
S3 to ground (tie to AVDD for DCO active). Switching both
into and out of high impedance is accomplished in 4 ns from S3
switching.
POWER-DOWN INPUT
The ADC can be placed into a low power state by setting the
PDWN pin to AVDD. Time to go into (or come out of) power
down equals 30 ns typically from PDWN switching.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com