Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9480-LVDS/PCB3 Datasheet(PDF) 14 Page - Analog Devices

Part # AD9480-LVDS/PCB3
Description  8-Bit, 250 MSPS 3.3 V A/D Converter
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9480-LVDS/PCB3 Datasheet(HTML) 14 Page - Analog Devices

Back Button AD9480-LVDS/PCB3 Datasheet HTML 10Page - Analog Devices AD9480-LVDS/PCB3 Datasheet HTML 11Page - Analog Devices AD9480-LVDS/PCB3 Datasheet HTML 12Page - Analog Devices AD9480-LVDS/PCB3 Datasheet HTML 13Page - Analog Devices AD9480-LVDS/PCB3 Datasheet HTML 14Page - Analog Devices AD9480-LVDS/PCB3 Datasheet HTML 15Page - Analog Devices AD9480-LVDS/PCB3 Datasheet HTML 16Page - Analog Devices AD9480-LVDS/PCB3 Datasheet HTML 17Page - Analog Devices AD9480-LVDS/PCB3 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 29 page
background image
AD9480
Rev. A | Page 13 of 28
TEMPERATURE (
°C)
3
2
0
1
–1
–2
–3
–40
0
–20
20
40
60
80
FS = 1V EXT REF
FS = 1V INT REF
Figure 16. Full-Scale Gain Error vs. Temperature,
AIN = 70.3 MHz @ −0.5 dBFS, 250 MSPS, FS = 1
TEMPERATURE (°C)
75
65
70
60
45
50
55
40
–40
–20
20
040
60
80
SFDR 1V INT REF
SINAD 1V INT REF
Figure 17. SINAD, SFDR vs. Temperature, AIN = 70 MHz @ −1 dBFS, 250 MSPS
AVDD (V)
0.10
0
0.05
–0.15
–0.10
–0.05
2.7
2.8
2.9
3.1
3.5
3.4
3.3
3.2
3.0
3.6
Figure 18. VREF Sensitivity to AVDD
SINAD
AVDD (V)
70
65
60
55
50
45
3.0
3.1
3.2
3.3
3.4
3.5
3.6
SFDR
SNR
Figure 19. SNR, SINAD, and SFDR vs. Supply Voltage,
AIN = 70.3 MHz @ −1 dBFS, 250 MSPS
CODE
0.5
0.3
0.4
0
0.1
0.2
–0.2
–0.1
–0.5
–0.3
–0.4
0
100
50
150
200
250
Figure 20. Typical DNL Plot, AIN = 10.3 MHz @ –0.5 dBFS, 250 MSPS
CODE
0.50
0.25
0
–0.50
–0.25
0
100
50
150
200
250
Figure 21. Typical INL Plot, AIN = 10.3 MHz @ −0.5 dBFS, 250 MSPS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com