Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9481-PCB Datasheet(PDF) 19 Page - Analog Devices

Part # AD9481-PCB
Description  3.3 V A/D Converter
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9481-PCB Datasheet(HTML) 19 Page - Analog Devices

Back Button AD9481-PCB Datasheet HTML 15Page - Analog Devices AD9481-PCB Datasheet HTML 16Page - Analog Devices AD9481-PCB Datasheet HTML 17Page - Analog Devices AD9481-PCB Datasheet HTML 18Page - Analog Devices AD9481-PCB Datasheet HTML 19Page - Analog Devices AD9481-PCB Datasheet HTML 20Page - Analog Devices AD9481-PCB Datasheet HTML 21Page - Analog Devices AD9481-PCB Datasheet HTML 22Page - Analog Devices AD9481-PCB Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 29 page
background image
AD9481
Rev. 0 | Page 18 of 28
Fixed Reference
The internal reference can be configured for a differential span
of 1 V p-p (see Figure 34). It is recommended to place a 0.1 µF
capacitor as close as possible to the VREF pin; a 10 µF capacitor
is also required (see the PCB layout for guidance). If the internal
reference of the AD9481 is used to drive multiple converters to
improve gain matching, the loading of the reference by the
other converters must be considered. Figure 34 depicts how the
internal reference voltage is affected by loading.
TEMPERATURE (
°C)
1.0085
1.0080
1.0075
1.0060
1.0055
1.0065
1.0070
1.0050
1.0045
1.0040
1.0035
–40
–20
0
20
40
60
80
Figure 32. Typical Reference Variation with Temperature
0.1
µF
10
µF
VREF
SENSE
Figure 33. Internal Fixed Reference (1 V p-p)
IREF (mA)
0
–0.1
–0.2
–0.4
–0.3
–0.5
0
0.5
1.5
1.0
2.0
2.5
3.0
Figure 34. Internal VREF vs. Load Current
Table 8. Reference Configurations
SENSE Voltage
Resulting VREF
Reference
Differential Span
AVDD
N/A (external reference input)
External
1 × external reference voltage
0.5 V (Self-Biased)
0.5 × (1 + R1/R2) V
Programmable
1 × VREF (0.75 V p-p to 1.5 V p-p)
AGND to 0.2 V
1.0 V
Internal fixed
1 V p-p



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com