Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EC7124M Datasheet(PDF) 2 Page - E-CMOS Corporation

Part # EC7124M
Description  2.0A Surface Mount Schottky Barrier Rectifiers - 20V- 100V
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-CMOS [E-CMOS Corporation]
Direct Link  http://www.ecmos.com.tw/
Logo E-CMOS - E-CMOS Corporation

EC7124M Datasheet(HTML) 2 Page - E-CMOS Corporation

  EC7124M Datasheet HTML 1Page - E-CMOS Corporation EC7124M Datasheet HTML 2Page - E-CMOS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
E-CMOS Corp. (www.ecmos.com.tw)
Page 2 of 2
4J15N-Rev. F001
EC7122M~EC71210M
2.0A Surface Mount Schottky
Barrier Rectifiers - 20V- 100V
Fig.1 Forward Current Derating Curve
Fig. 2 - Maximum Non-Repetitive Peak
Forward Surge Current
Fig. 3 Typical Instantaneous Forward
Fig.4 Typical Junction Capacitance
Characteristics
Fig. 5A Typical Reverse Characteristics
Fig. 5B Typical Reverse Characteristics



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com