Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1048313 Datasheet(PDF) 7 Page - SICK AG

Part # 1048313
Description  PRODUCT PORTFOLIO
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

1048313 Datasheet(HTML) 7 Page - SICK AG

  1048313 Datasheet HTML 1Page - SICK AG 1048313 Datasheet HTML 2Page - SICK AG 1048313 Datasheet HTML 3Page - SICK AG 1048313 Datasheet HTML 4Page - SICK AG 1048313 Datasheet HTML 5Page - SICK AG 1048313 Datasheet HTML 6Page - SICK AG 1048313 Datasheet HTML 7Page - SICK AG 1048313 Datasheet HTML 8Page - SICK AG 1048313 Datasheet HTML 9Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
WL11G-2K3431 | W11G-2
PRODUCT PORTFOLIO
Brief description
Type
Part no.
Mounting brackets and plates
Mounting bracket, large, Stainless steel, mounting hardware included
BEF-WG-W12
2013942
Mounting bracket, small, Stainless steel, mounting hardware included
BEF-WK-W12
2012938
Terminal and alignment brackets
Double clamp bracket for dovetail mounting, Aluminum (anodised), mounting hardware
included
BEF-DKH-W12
2013947
Clamping block for dovetail mounting, Aluminum (anodised), mounting hardware includ-
ed
BEF-KH-W12
2013285
Plug connectors and cables
Head A: female connector, M12, 4-pin, straight
Head B: cable
Cable: PVC, unshielded, 2 m
DOL-1204-G02M
6009382
Head A: female connector, M12, 4-pin, angled
Head B: cable
Cable: PVC, unshielded, 2 m
DOL-1204-W02M
6009383
Head A: female connector, M12, 5-pin, straight
Head B: cable
Cable: PVC, unshielded, 2 m
DOL-1205-G02M
6008899
Head A: female connector, M12, 5-pin, angled
Head B: cable
Cable: PVC, unshielded, 2 m
DOL-1205-W02M
6008900
Head A: female connector, M12, 4-pin, straight
Head B: -
Cable: unshielded
DOS-1204-G
6007302
Head A: female connector, M12, 4-pin, angled
Head B: -
Cable: unshielded
DOS-1204-W
6007303
Head A: male connector, M12, 4-pin, straight
Head B: -
Cable: unshielded
STE-1204-G
6009932
Head A: male connector, M12, 4-pin, angled
Head B: -
Cable: unshielded
STE-1204-W
6022084
Reflectors
Rectangular, screw connection, 80 mm x 80 mm, PMMA/ABS, Screw-on, 2 hole mount-
ing
PL80A
1003865
Fine triple reflector, screw connection, suitable for laser sensors, 47 mm x 47 mm, PM-
MA/ABS, Screw-on, 2 hole mounting
P250F
5308843
1) Customizable
length by sheet.
Width max.
74.9 cm, length
max. 91.4 cm.
2017-11-08 18:00:44 | Online data sheet
Subject to change without notice
| SICK
7



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com