Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRF730APBF Datasheet(PDF) 1 Page - International Rectifier

Part # IRF730APBF
Description  SMPS MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF730APBF Datasheet(HTML) 1 Page - International Rectifier

  IRF730APBF Datasheet HTML 1Page - International Rectifier IRF730APBF Datasheet HTML 2Page - International Rectifier IRF730APBF Datasheet HTML 3Page - International Rectifier IRF730APBF Datasheet HTML 4Page - International Rectifier IRF730APBF Datasheet HTML 5Page - International Rectifier IRF730APBF Datasheet HTML 6Page - International Rectifier IRF730APBF Datasheet HTML 7Page - International Rectifier IRF730APBF Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
02/03/04
www.irf.com
1
IRF730APbF
TO-220AB
SMPS MOSFET
HEXFET® Power MOSFET
l Switch Mode Power Supply (SMPS)
l Uninterruptable Power Supply
l High speed power switching
l Lead-Free
Benefits
Applications
l Low Gate Charge Qg results in Simple
Drive Requirement
l Improved Gate, Avalanche and dynamic
dv/dt Ruggedness
l Fully Characterized Capacitance and
Avalanche Voltage and Current
VDSS
Rds(on) max
ID
400V
1.0
Ω
5.5A
S
D
G
Parameter
Max.
Units
ID @ TC = 25°C
Continuous Drain Current, VGS @ 10V
5.5
ID @ TC = 100°C
Continuous Drain Current, VGS @ 10V
3.5
A
IDM
Pulsed Drain Current

22
PD @TC = 25°C
Power Dissipation
74
W
Linear Derating Factor
0.6
W/°C
VGS
Gate-to-Source Voltage
± 30
V
dv/dt
Peak Diode Recovery dv/dt
ƒ
4.6
V/ns
TJ
Operating Junction and
-55 to + 150
TSTG
Storage Temperature Range
Soldering Temperature, for 10 seconds
300 (1.6mm from case )
°C
Mounting torqe, 6-32 or M3 screw
10 lbf•in (1.1N•m)
Absolute Maximum Ratings
l Effective Coss Specified (See AN1001)
PD - 94976
Typical SMPS Topologies:
l Single Transistor Flyback Xfmr. Reset
l Single Transistor Forward Xfmr. Reset
(Both US Line input only).


Similar Part No. - IRF730APBF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
IRF730APBF VISHAY-IRF730APBF Datasheet
167Kb / 8P
Power MOSFET
19-Jun-08
IRF730APBF VISHAY-IRF730APBF Datasheet
153Kb / 8P
Power MOSFET
16-Aug-2021
IRF730APBF-BE3 VISHAY-IRF730APBF-BE3 Datasheet
153Kb / 8P
Power MOSFET
16-Aug-2021
More results

Similar Description - IRF730APBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF730AS IRF-IRF730AS Datasheet
162Kb / 10P
SMPS MOSFET
IRF7469PBF IRF-IRF7469PBF Datasheet
126Kb / 8P
SMPS MOSFET
IRFB9N65APBF IRF-IRFB9N65APBF Datasheet
129Kb / 8P
SMPS MOSFET
IRFPS30N60KPBF IRF-IRFPS30N60KPBF Datasheet
135Kb / 8P
SMPS MOSFET
IRFR1N60APBF IRF-IRFR1N60APBF Datasheet
231Kb / 10P
SMPS MOSFET
IRLR3715PBF IRF-IRLR3715PBF Datasheet
268Kb / 10P
SMPS MOSFET
IRFR3412PBF IRF-IRFR3412PBF Datasheet
224Kb / 10P
SMPS MOSFET
IRF7466PBF IRF-IRF7466PBF Datasheet
131Kb / 8P
SMPS MOSFET
IRF7468PBF IRF-IRF7468PBF Datasheet
126Kb / 8P
SMPS MOSFET
IRFB18N50KPBF IRF-IRFB18N50KPBF Datasheet
173Kb / 8P
SMPS MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com