Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AH237VP Datasheet(PDF) 2 Page - A1 PROs co., Ltd.

Part # AH237VP
Description  Unapplied RS 485 Applications
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A1PROS [A1 PROs co., Ltd.]
Direct Link  http://www.a1pros.co.kr
Logo A1PROS - A1 PROs co., Ltd.

AH237VP Datasheet(HTML) 2 Page - A1 PROs co., Ltd.

  AH237VP Datasheet HTML 1Page - A1 PROs co., Ltd. AH237VP Datasheet HTML 2Page - A1 PROs co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Connector Pin map
A1 PROs
1
A1 PROs
①
②
③
AH237VP(EX-SDI)
Connector
Pin NO
Pin Name
Description
Normal
Active
I/O
①
1
VBS
Composite Video Output
-
-
O
2
GND
Board Ground
-
-
-
3
+12V
DC+12V Input
-
-
I
4
VBS_EX
Extra Composite Video Output
-
-
O
5
KEY DOWN
OSD KEY DOWN
-
-
-
6
KEY UP
OSD KEY UP
-
-
I
7
KEY SET
OSD KEY SET or AD-KEY
-
-
I
8
KEY RIGHT
OSD KEY RIGHT
-
-
I
9
KEY LEFT
OSD KEY LEFT
-
-
I
10
GND
Board Ground
-
-
-
Pin NO
Pin Name
Description
Normal
Active
I/O
1
IR LED
IR LED Output
0V
+3.3V
O
④
2
Address
Rm.915, Keumkang Hightech Valley, 177, Sagimakgol-ro Jungwon-ku, Seongnam-si, Gyeonggi-do, Korea
②
2
D&N IN
Day & Night Input
-
-
O
3
GND
Board Ground
-
-
O
4
+12V
DC+12V Output for IR LED B/D
-
-
O
③
Pin NO
Pin Name
Description
DC-IRIS
P-IRIS
I/O
1
DAMP+
DC Iris Damping Motor +
DAMP+
O
2
DAMP-
DC Iris Damping Motor -
DAMP-
O
3
DRIVE
DC Iris Motor Drive/
DRIVE+
O
4
GND
Board Ground
DRIVE-
O
④
Pin NO
Pin Name
Description
Normal
Active
I/O
1
MOTOR1
Day & Night Motor Drive + Output
-
0V ~ +5V
O
2
MOTOR2
Day & Night Motor Drive - Output
-
0V ~ +5V
O



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com