Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APC88K Datasheet(PDF) 1 Page - A1 PROs co., Ltd.

Part # APC88K
Description  Register control via COXITRON (Pelco)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A1PROS [A1 PROs co., Ltd.]
Direct Link  http://www.a1pros.co.kr
Logo A1PROS - A1 PROs co., Ltd.

APC88K Datasheet(HTML) 1 Page - A1 PROs co., Ltd.

  APC88K Datasheet HTML 1Page - A1 PROs co., Ltd. APC88K Datasheet HTML 2Page - A1 PROs co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1/3 inch Color IT- CCD Camera Module
1
A1 PROs
1
A1 PROs
Signal Format
NTSC
PAL
Image Device
1/3" 520K Color IT-CCD
Resolution
700 TV Lines
Total Pixels
518K pixels
607K pixels
Effective Pixels
482K pixels
568K pixels
Shutter Speed
1/60 ~ 120,000sec
1/50 ~ 120,000sec
Sync. System
Internal
S/N Ratio
More Than 50dB
Iris Control
Electronic, DC Iris
Video Output
Composite ( 1.0Vp-p/75 Ohm )
Temperature
-10℃ ~ +60℃
Power supply
DC 12V(±10%)
Humidity
RH 85% MAX
Weight
Approx. 6g
Power Consumption
Max.1.5W
Size
42 x 42mm
Specifications
Features
 1/3” 520K Color IT-CCD
 Register control via COXITRON (Pelco)
 Digital Clamp (with Anti-smear)
 ACE(Digital WDR)
 De-Fog
 Edge Adaptive 2-D Digital Noise Reducer
 DC IRIS
 GPIO support
 Smart IR LED controller(Auto dimming)
 Hue controller (8-Way)
 Support True Day & Night (ICR)
APC88K(42x42)


Similar Part No. - APC88K

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
APC8866D BEL-APC8866D Datasheet
74Kb / 2P
ISDN S Interface Hybrid
More results

Similar Description - APC88K

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
DM74LS503 FAIRCHILD-DM74LS503 Datasheet
45Kb / 4P
8-Bit Successive Approximation Register (with Expansion Control)
logo
Advanced Micro Devices
AM2922 AMD-AM2922 Datasheet
322Kb / 7P
Eight Input multiplexer with Control Register
logo
STMicroelectronics
TS4975 STMICROELECTRONICS-TS4975 Datasheet
747Kb / 33P
Stereo Headphone Drive Amplifier with Digital Volume Control via IC Bus
Jul-2005
TS4975 STMICROELECTRONICS-TS4975_05 Datasheet
795Kb / 36P
Stereo Headphone Drive Amplifier with Digital Volume Control via I2C Bus
Nov-2005
logo
List of Unclassifed Man...
SNMPWEBCARD ETC2-SNMPWEBCARD Datasheet
504Kb / 4P
For remote monitoring and control via SNMP, Web or Telnet
logo
ETAL Group
REX12D ETAL-REX12D Datasheet
1Mb / 6P
Control, diagnosis and monitoring via IO link
logo
Rosenberger Hochfrequen...
B2BS101-S01L5 ROSENBERGER-B2BS101-S01L5 Datasheet
559Kb / 2P
VIA Adaptor
B2BS101-S02L5 ROSENBERGER-B2BS101-S02L5 Datasheet
550Kb / 2P
VIA Adaptor
logo
Zilog, Inc.
ZEPIR000102ZCOG ZILOG-ZEPIR000102ZCOG Datasheet
490Kb / 17P
Sensitivity control via simple hardware configuration
ZEPIR000103KITG ZILOG-ZEPIR000103KITG Datasheet
266Kb / 18P
Sensitivity control via simple hardware configuration
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com