Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APC89 Datasheet(PDF) 1 Page - A1 PROs co., Ltd.

Part # APC89
Description  ACE (Digital WDR)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A1PROS [A1 PROs co., Ltd.]
Direct Link  http://www.a1pros.co.kr
Logo A1PROS - A1 PROs co., Ltd.

APC89 Datasheet(HTML) 1 Page - A1 PROs co., Ltd.

  APC89 Datasheet HTML 1Page - A1 PROs co., Ltd. APC89 Datasheet HTML 2Page - A1 PROs co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
520K Color CCD Board camera
1
A1 PROs
1
A1 PROs
Fixed : 80mA, DC IRIS :120mA
Power consumption
0.0001Lux at F1.2(Sens-up x512)
Min. Illumination
ID(1 ~ 255)
Off / On
H-MIRROR
1/3" 520K Color IT-CCD
Image Device
1/50 ~ 120,000sec
568K pixels
607K pixels
PAL
BAUDRATE (2400/ 4800/ 9600/ 57600/ 115200)
CAM TITLE (8 POINT)
SYSTEM
LANGUAGE(ENG / China)
POSI / NEGA
POSI/NEGA
Off / D-WDR / DEFOG
CONTRAST
Off / On (4 points)
MOTION
Off / On (8 points)
PRIVACY
Off / Low / Middle / High
DNR
Auto / Preset / Manual
WHITE BALANCE
Auto / Day / Night / Ext
DAY & NIGHT
Off / On
SMART IR
Off / BLC / HLC
BACKLGHT
Off / On
DEFECT DET
DC12V ± 10%
Power Input
32 x 32mm
Size
Composite ( 1.0Vp-p/75 Ohm)
Video Output
( 8 COLOR)
FONT COLOR
More Than 50dB
S/N Ratio
1/60 ~ 120,000sec
Shutter Speed
482K pixels
Effective Pixels
518K pixels
Total Pixels
700 TV Lines
Resolution
NTSC
Signal Format
Specifications
Features
1/3" 520K Color IT-CCD
Resolution : 700 TV Lines
3DNR (Digital Noise Reduction: 2D + 3D)
Privacy Mask Function
Intelligent Motion Detection
Defog Function : Defogging foggy video image
Dimension : 32mm x 32mm
Sense-up support (*512)
ACE (Digital WDR)
APC89(32x32)
APC89
APC89(32x32)


Similar Part No. - APC89

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
APC8966D BEL-APC8966D Datasheet
74Kb / 2P
ISDN S Interface Hybrid
logo
A1 PROs co., Ltd.
APC89K A1PROS-APC89K Datasheet
400Kb / 2P
Intelligent Motion Detection
More results

Similar Description - APC89

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
109P0412G601 SANYO-109P0412G601 Datasheet
125Kb / 2P
San Ace 40
109P0412H901 SANYO-109P0412H901 Datasheet
112Kb / 2P
San Ace 40
109P0424H3013 SANYO-109P0424H3013 Datasheet
145Kb / 5P
San Ace 40
logo
List of Unclassifed Man...
9WS1212H101 ETC2-9WS1212H101 Datasheet
124Kb / 2P
San Ace 120WS
logo
OmniVision Technologies...
OV10633 OMNIVISION-OV10633 Datasheet
2Mb / 2P
OV10633 (WDR) image sensor product brief
logo
Level One
FCS-1150 LVL1-FCS-1150 Datasheet
570Kb / 4P
12x Optical Zoom, WDR
logo
A1 PROs co., Ltd.
AH233TS A1PROS-AH233TS Datasheet
169Kb / 2P
WDR Wide Dynamic Range
logo
SANYO DENKI CO., LTD.
9CT1-001 SANYODENKI-9CT1-001 Datasheet
326Kb / 4P
San Ace Controller
logo
Honeywell Solid State E...
HBW4PER1V HONEYWELL-HBW4PER1V Datasheet
526Kb / 2P
Network WDR 4 MP IR Bullet Camera
HBW4PER2V HONEYWELL-HBW4PER2V Datasheet
710Kb / 2P
Network WDR 4MP IR Bullet Camera
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com