Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APC89K Datasheet(PDF) 1 Page - A1 PROs co., Ltd.

Part # APC89K
Description  Intelligent Motion Detection
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A1PROS [A1 PROs co., Ltd.]
Direct Link  http://www.a1pros.co.kr
Logo A1PROS - A1 PROs co., Ltd.

APC89K Datasheet(HTML) 1 Page - A1 PROs co., Ltd.

  APC89K Datasheet HTML 1Page - A1 PROs co., Ltd. APC89K Datasheet HTML 2Page - A1 PROs co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
520K Color CCD Board camera
A1 PROs
1
A1 PROs
Signal Format
NTSC
Image Device
Resolution
Total Pixels
518K pixels
Effective Pixels
Shutter Speed
Specifications
APC89(42x42)
사진
APC89
S/N Ratio
More Than 50dB
DAY & NIGHT
Auto / Day / Night / Ext
SMART IR
Off / On
WHITE BALANCE
Auto / Preset / Manual
H-MIRROR
Off /
DNR
Off / Low / Middle / High
PRIVACY
Off / On (8 points)
MOTION
Off / On (4 points)
BACKLGHT
Off / BLC / HLC
CONTRAST
Off / D
POSI/NEGA
POSI / NEGA
DEFECT DET
Off / On
SYSTEM
CAM TITLE (8
ID(1 ~ 255)
BAUDRATE (2400/ 4800/ 9600/ 57600/ 115200)
Features
n 1/3" 520K Color IT-CCD
n Resolution : 700 TV Lines
nDNR ( Digital Noise Reduction: 2D + 3D)
n Privacy Mask Function
n Intelligent Motion Detection
n Defog Function : Defogging foggy video image
nDimension : 42mm x 42mm
nSense-up support
nACE(Digital WDR)
Dimensions
1
LANGUAGE(ENG /
FONT COLOR
( 8
Video Output
Composite ( 1.0Vp
Power Input
DC12V
Power Consumption
250mA
Size
42 x 42mm
Dimensions
Unit : mm
사진
NTSC
PAL
1/3" 520K Color IT-CCD
700 TV Lines
518K pixels
607K pixels
482K pixels
568K pixels
1/60 ~ 120,000sec
1/50 ~ 120,000sec
Specifications
APC89(42x42)
More Than 50dB
Auto / Day / Night / Ext
Off / On
Auto / Preset / Manual
Off / On
Off / Low / Middle / High
Off / On (8 points)
Off / On (4 points)
Off / BLC / HLC
Off / D-WDR / DEFOG
POSI / NEGA
Off / On
CAM TITLE (8 자리)
ID(1 ~ 255)
BAUDRATE (2400/ 4800/ 9600/ 57600/ 115200)
1
LANGUAGE(ENG / China)
( 8 COLOR)
Composite ( 1.0Vp-p/75 Ohm)
DC12V ± 10%
250mA
42 x 42mm


Similar Part No. - APC89K

ManufacturerPart #DatasheetDescription
logo
A1 PROs co., Ltd.
APC89 A1PROS-APC89 Datasheet
193Kb / 2P
ACE (Digital WDR)
logo
Bel Fuse Inc.
APC8966D BEL-APC8966D Datasheet
74Kb / 2P
ISDN S Interface Hybrid
More results

Similar Description - APC89K

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MMA7660FC FREESCALE-MMA7660FC Datasheet
803Kb / 34P
3-Axis Orientation/Motion Detection Sensor
MMA7660FC FREESCALE-MMA7660FC_12 Datasheet
599Kb / 35P
3-Axis Orientation/Motion Detection Sensor
MMA955XL FREESCALE-MMA955XL Datasheet
263Kb / 25P
Intelligent Motion-Sensing Platform
logo
Axiomtek Co., Ltd.
DSA-142 AXIOMTEK-DSA-142 Datasheet
268Kb / 1P
Motion detection sensors
logo
NXP Semiconductors
MMA9555L NXP-MMA9555L Datasheet
909Kb / 132P
MMA9555L Intelligent Motion- Sensing Pedometer
Rev. 2.3, 8/2016
logo
AVAGO TECHNOLOGIES LIMI...
ADNS-3050 AVAGO-ADNS-3050 Datasheet
393Kb / 30P
External Interrupt Output for Motion Detection
logo
ams AG
N50P111 AMSCO-N50P111 Datasheet
1Mb / 32P
Configurable interrupt output for motion detection
logo
A1 PROs co., Ltd.
AH243TS A1PROS-AH243TS Datasheet
164Kb / 2P
Intelligent Motion Detection
logo
NXP Semiconductors
MMA955XL NXP-MMA955XL Datasheet
471Kb / 27P
MMA955xL Intelligent Motion-Sensing Platform
Rev. 3.1, 5/2015
logo
CINCON ELECTRONICS Corp...
MDS-P CINCON-MDS-P Datasheet
428Kb / 2P
Motion Detection Sensor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com