Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRHM7150 Datasheet(PDF) 3 Page - International Rectifier

Part # IRHM7150
Description  RADIATION HARDENED POWER MOSFET THRU-HOLE
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRHM7150 Datasheet(HTML) 3 Page - International Rectifier

  IRHM7150 Datasheet HTML 1Page - International Rectifier IRHM7150 Datasheet HTML 2Page - International Rectifier IRHM7150 Datasheet HTML 3Page - International Rectifier IRHM7150 Datasheet HTML 4Page - International Rectifier IRHM7150 Datasheet HTML 5Page - International Rectifier IRHM7150 Datasheet HTML 6Page - International Rectifier IRHM7150 Datasheet HTML 7Page - International Rectifier IRHM7150 Datasheet HTML 8Page - International Rectifier IRHM7150 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
www.irf.com
3
Pre-Irradiation
Pre-Irradiation
Pre-Irradiation
Pre-Irradiation
Pre-Irradiation
IRHM7150
IRHM7150
IRHM7150
IRHM7150
IRHM7150
Table 1. Electrical Characteristics @ Tj = 25°C, Post Total Dose Irradiation
Table 1. Electrical Characteristics @ Tj = 25°C, Post Total Dose Irradiation
Table 1. Electrical Characteristics @ Tj = 25°C, Post Total Dose Irradiation
Table 1. Electrical Characteristics @ Tj = 25°C, Post Total Dose Irradiation
Table 1. Electrical Characteristics @ Tj = 25°C, Post Total Dose Irradiation ➄➅
Parameter
Parameter
Parameter
Parameter
Parameter
100KRads(Si)
300 to 1000K Rads (Si)
U
UU
UUnits
nits
nits
nits
nits
Test Conditions
Test Conditions
Test Conditions
Test Conditions
Test Conditions
Min
Min
Min
Min
Min
Max
Max
Max
Max
Max
Min
Max
Min
Max
Min
Max
Min
Max
Min
Max
BVDSS
Drain-to-Source Breakdown Voltage
100
—
100
—
V
VGS = 0V, ID = 1.0mA
V/5JD
Gate Threshold Voltage# ➃
2.0
4.0
1.25
4.5
VGS = VDS, ID = 1.0mA
IGSS
Gate-to-Source Leakage Forward
—
100
—
100
nA
VGS = 20V
IGSS
Gate-to-Source Leakage Reverse
—
-100
—
-100
VGS = -20 V
IDSS
Zero Gate Voltage Drain Current
—
25
—
50
µA
VDS=80V, VGS =0V
RDS(on)
Static Drain-to-Source# ➃
—
0.065
—
0.09
Ω
VGS = 12V, ID =21A
On-State Resistance (TO-3)
RDS(on)
Static Drain-to-Source# ➃
—
0.065
—
0.09
Ω
VGS = 12V, ID =21A
On-State Resistance (TO-254AA)
International Rectifier Radiation Hardened MOSFETs are tested to verify their radiation hardness capability.
The hardness assurance program at International Rectifier is comprised of two radiation environments.
Every manufacturing lot is tested for total ionizing dose (per notes 5 and 6) using the TO-3 package. Both
pre- and post-irradiation performance are tested and specified using the same drive circuitry and test
conditions in order to provide a direct comparison.
Radiation Characteristics
Radiation Characteristics
Radiation Characteristics
Radiation Characteristics
Radiation Characteristics
1. Part number IRHM7150 (JANSR2N7268)
2. Part numbers IRHM3150 (JANSF2N7268), IRHM4150 (JANSG2N7268) and IRHM8150 (JANSH2N7268)
Fig a.
Fig a.
Fig a.
Fig a.
Fig a. Single Event Effect, Safe Operating Area
VSD
Diode Forward Voltage# ➃
—
1.4
—
1.4
V
VGS = 0V, IS = 34A
International Rectifier radiation hardened MOSFETs have been characterized in heavy ion environment for
Single Event Effects (SEE). Single Event Effects characterization is illustrated in Fig. a and Table 2.
For footnotes refer to the last page
Table 2. Single Event Effect Safe Operating Area
Table 2. Single Event Effect Safe Operating Area
Table 2. Single Event Effect Safe Operating Area
Table 2. Single Event Effect Safe Operating Area
Table 2. Single Event Effect Safe Operating Area
Ion
LET
Ion
LET
Ion
LET
Ion
LET
Ion
LET
Energy Range
Energy Range
Energy Range
Energy Range
Energy Range
VDS(V)
VDS(V)
VDS(V)
VDS(V)
VDS(V)
MeV/(mg/cm )) (MeV)
(µm) @VGS=0V@VGS=-5V@VGS=-10V @VGS=-15V @VGS=-20V @VGS=-25V
@VGS=0V@VGS=-5V@VGS=-10V @VGS=-15V @VGS=-20V @VGS=-25V
@VGS=0V@VGS=-5V@VGS=-10V @VGS=-15V @VGS=-20V @VGS=-25V
@VGS=0V@VGS=-5V@VGS=-10V @VGS=-15V @VGS=-20V @VGS=-25V
@VGS=0V@VGS=-5V@VGS=-10V @VGS=-15V @VGS=-20V @VGS=-25V
Cu
28
285
43
100
100
100
80
60
—
Br
36.8
305
39
100
90
70
50
—
—
0
20
40
60
80
100
120
0
-5
-10
-15
-20
-25
VGS
Cu
Br



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com