Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PICO-APL3 Datasheet(PDF) 2 Page - AAEON Technology

Part # PICO-APL3
Description  Onboard DDR3L 2GB (Optional to 4GB)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAEON [AAEON Technology]
Direct Link  http://www.aaeon.com
Logo AAEON - AAEON Technology

PICO-APL3 Datasheet(HTML) 2 Page - AAEON Technology

  PICO-APL3 Datasheet HTML 1Page - AAEON Technology PICO-APL3 Datasheet HTML 2Page - AAEON Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Block Diagram
Dimension
Unit: mm
PICO-APL3
Ordering Information
Part Number
CPU
Memory
Thermal
Display
Storage
LAN
USB
RS-232
RS-232/422/485
Expansion Slot
Power
Power Temp
Others
PICO-APL3-A10-0001
(TBD)
Intel® Celeron®
N3350 (Dual
Core)
Onboard
DDR3L (Max
4GB)
Fanless
HDMI x 1
eDP x 1
(Optional)
SATAIII x 1
M.2 2280 (B Key) x 1
eMMC 16G (optional to 32/64G)
GbE x 1
USB 3.0 x 2 (Rear)
USB 2.0 x 2 (Internal)
2
—
M.2 2230 (E Key) x 1 +12V (AT) 0°C ~ 60°C
DIO 4 bit
Audio TPM
(Optional)
HDMI
Level Shift
DDR3L on Board
USB 3.0 * 2
USB 3.0* 2
M.2 2230 E Key
PCIe[x1]/USB 2.0
BIOS
Channel 0
SATA/USB 2.0
DDI Port 0
SATA_P0
USB 2.0* 2
RJ-45
PCIe[x1]
GbE
GbE Ethernet
SPI
TPM
(Optional)
LPC
eMMC 5.0
eMMC
FAN* 2
HW
Monitor
LED/PWR CTRL
M.2 2280 B key
SATA III*1
LED CTRL
PWR BTN/RESET
DIO
Intel®
N Series/x7-
E3900 Series
Processor SoC
EC
RS 232
Transceiver
RS-232*2
Camera
Camera
MIPI-CSI X4
MIPI-CSI X2
eDP
eDP
BIO
HD Audio
PCIe X1
USB3.0/2.0
DDI1
Audio
Audio
Codec
Speaker
Line In/ Line out/ Mic IN
2W
05-19
05-20
www.aaeon.com
www.aaeon.com
Note: All specifications are subject to change without notice.
Note: All specifications are subject to change without notice.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com