Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PICO-KBU1 Datasheet(PDF) 2 Page - AAEON Technology

Part # PICO-KBU1
Description  PICO-ITX Board with 7th Gen. Intel Core i7/i5/i3/Celeron U-Series SoC
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAEON [AAEON Technology]
Direct Link  http://www.aaeon.com
Logo AAEON - AAEON Technology

PICO-KBU1 Datasheet(HTML) 2 Page - AAEON Technology

  PICO-KBU1 Datasheet HTML 1Page - AAEON Technology PICO-KBU1 Datasheet HTML 2Page - AAEON Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Block Diagram
Dimension
Unit: mm
Remark: PICO-KBU1-A10-0003 Power connector type is TBD (DC-Jack or Phoenix Terminal). Power Connector Default is Phoenix terminal in PICO series.
PICO-KBU1
Ordering Information
Part Number
CPU
Fan/Fanless
Display
LVDS
Storage
LAN
USB
RS-232
RS-232/422/485
Expansion Slot
Power
Power Temp
Others
PICO-KBU1-A10-0002 i5-7300U
Heat-spreader &
Cooler (optional)
HDMI/
LVDS
24bit, 2CH
SATA III x 1,
M.2 B Key (2242)
GbE x 2
USB3.0 x 2,
USB2.0 x 2
1
1
M.2 E-Key (2230)
12V
0°C ~ 60°C
DIO x 4, Line out,BIO
PICO-KBU1-A10-0003 i3-7100U
Heat-spreader &
Cooler (optional)
HDMI/
LVDS
24bit, 2CH
SATA III x 1,
M.2 B Key (2242)
GbE x 2
USB3.0 x 2,
USB2.0 x 2
1
1
M.2 E-Key (2230)
12V
0°C ~ 60°C
DIO x 4, Line out
Channel A
RJ-45
eDP
GbE Ethernet
Intel®
Kabylake-U
SoC
DDR4 SO-DIMM
18/24-bit
Dual LVDS
PCIe [x1] *1
GbE
Super I/O
COM1 ~ 2
(COM2 supports RS232/422/485)
HW
Monitor
LPC
eDP to LVDS
USB 3.0/USB2.0 *2 (Rear I/O)
USB 3.0 *2
USB 2.0 *2
USB 2.0 *2
USB2.0 *2 (Pin Header)
BIO
PCIe [x1] *2, USB 3.0/USB 2.0 *1, Line Out
M.2 B-Key(2242)
SATA III*1
USB2.0 *1
SMBus/I2C, DDI1/ PWRGD or GPIO
PCIe[x1] *1
SMBus
GPIO Expander
FAN
4-bits DIO
M.2 E-Key(2230)
PCIe [x1] *1
USB2.0 *1
BIOS
SPI
RJ-45
GbE Ethernet
PCIe [x1] *1
GbE
DDI2
HDMI
Level Shifter
HDMI
SATA III
SATA III *1
HDA
Audio Codec
Line Out
05-1
05-2
www.aaeon.com
www.aaeon.com
Note: All specifications are subject to change without notice.
Note: All specifications are subject to change without notice.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com