Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D3CE15ST Datasheet(PDF) 2 Page - Shindengen Electric Mfg.Co.Ltd

Part # D3CE15ST
Description  SchottkyBarrierDiode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHINDENGEN [Shindengen Electric Mfg.Co.Ltd]
Direct Link  http://www.shindengen.co.jp/
Logo SHINDENGEN - Shindengen Electric Mfg.Co.Ltd

D3CE15ST Datasheet(HTML) 2 Page - Shindengen Electric Mfg.Co.Ltd

  D3CE15ST Datasheet HTML 1Page - Shindengen Electric Mfg.Co.Ltd D3CE15ST Datasheet HTML 2Page - Shindengen Electric Mfg.Co.Ltd D3CE15ST Datasheet HTML 3Page - Shindengen Electric Mfg.Co.Ltd D3CE15ST Datasheet HTML 4Page - Shindengen Electric Mfg.Co.Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
www.
s
hi
ndengen.
co.
j
p/
pr
oduct
/
s
emi
/
(J532-p〈2016.02〉)
D3CE15ST
■特性図 CHARACTERI
STI
C DI
AGRAMS
1cycle
10ms10ms
Sine wave
Non-repetitive
Tj=25℃
順方向特性
Forward Voltage
Pulse measurement
Forward Voltage VF〔V〕
1
10
0.1
20
0
0.2
1.6
0.4 0.6 0.8
1
1.2 1.4
Tl=175℃(MAX)
Tl=175℃(TYP)
Tl= 25℃(MAX)
Tl= 25℃(TYP)
Tl=175℃(TYP)
Tl=150℃(TYP)
Tl=125℃(TYP)
Tl=100℃(TYP)
Tl=75℃(TYP)
Tl=50℃(TYP)
逆方向特性
Reverse Current
0.001
0.1
0.01
1
10
10000
1000
100
0
100 120 140
80
60
40
20
160
Pulse measurement
Reverse Voltage VR〔V〕
0.5
Tj=175℃
順電力損失曲線
Forward Power Dissipation
DC
D=0.
8
0.
5
0.
3
0.
2
0.
1
0.
05
SIN
Average Rectified Forward Current IO〔A〕
0
1
45
3
2
D=tp/T
T
tp
IO
0
1
3
2.5
3.5
4
1.5
2
0
0.1
0.2
0.8
0.6
0.7
0.5
0.3
0.4
逆電力損失曲線
DC
D=0.
05
0.
3
0.
2
0.
1
0.
5
0.
8
SIN
Reverse Power Dissipation
Reverse Voltage VR〔V〕
Tj=175℃
D=tp/T
T
tp
0
VR
0
20
40
60
100
80
120 140 160
0
0.5
2.5
1
1.5
2
ディレーティングカーブ
Derating Curve
0
50
100
200
150
DC
D=0.
8
0.
5
SIN
0.
3
0.
1
0.
05
Ambient Temperature Ta〔℃〕
0
IO
D=tp/T
T
tp
0
VR
VR=75V
On glass-epoxy substrate
2インチ基板実装
銅箔パターン面積160mm2
Soldering land 1.2mm
Conductor layer 35μm
基板
0.
2
0
0.5
2
1.5
1
ディレーティングカーブ
Derating Curve
0
50
100
200
150
Ambient Temperature Ta〔℃〕
0
IO
D=tp/T
T
tp
0
VR
VR=75V
On glass-epoxy substrate
2インチ基板実装
銅箔パターン面積32mm2
Soldering land 1.2mm
Conductor layer 35μm
基板
DC
D=0.
8
SIN
0.
3
0.
1
0.
05
0.
2
0.
5
0
1
4
3
6
5
2
ディレーティングカーブ
Derating Curve
DC
D=0.
8
0.
5
SIN
0.
3
0.
2
0.
1
0.
05
LeadTemperature Tl 〔℃〕
0
IO
D=tp/T
T
tp
0
VR
VR=75V
0
50
100
200
150
せん頭サージ順電流耐量
Peak Surge Forward Current Capability
120
60
40
80
100
20
0
Number of Cycles〔cycle〕
1
100
10
0.1
100150
接合容量
Junction Capacitance
1
1000
100
10
1
10
Reverse Voltage VR〔V〕
f=1MHz
TYP
Tl= 25℃
*Si
newaveは50Hzで測定しています。
* 50Hzsi
newavei
susedf
ormeasur
ement
s.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com