Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D6FEC12ST Datasheet(PDF) 2 Page - Shindengen Electric Mfg.Co.Ltd

Part # D6FEC12ST
Description  SchottkyBarrierDiode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHINDENGEN [Shindengen Electric Mfg.Co.Ltd]
Direct Link  http://www.shindengen.co.jp/
Logo SHINDENGEN - Shindengen Electric Mfg.Co.Ltd

D6FEC12ST Datasheet(HTML) 2 Page - Shindengen Electric Mfg.Co.Ltd

  D6FEC12ST Datasheet HTML 1Page - Shindengen Electric Mfg.Co.Ltd D6FEC12ST Datasheet HTML 2Page - Shindengen Electric Mfg.Co.Ltd D6FEC12ST Datasheet HTML 3Page - Shindengen Electric Mfg.Co.Ltd D6FEC12ST Datasheet HTML 4Page - Shindengen Electric Mfg.Co.Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
■特性図 CHARACTERI
STI
C DI
AGRAMS
順方向特性
Forward Voltage
00.
20.
41.
2
1.
01.
4 1.6
0.8
0.6
Tc=175℃(MAX)
Tc=175℃(TYP)
Tc= 25℃(MAX)
Tc= 25℃(TYP)
Forward Voltage VF〔V〕
Pulse measurement Per diode
Pulse measurement Per diode
VR
=60V
Tj=175℃
ディレーティングカーブ
Derating Curve
D=tp/T
T
tp
0
0
IO
VR
0
2
12
10
8
6
4
0
0.1
0.2
0.8
0.4
0.6
0.7
0.3
0.5
0
0
20
4060
40
80
100 120 140
80
160
120
180
DC
0.
5
SIN
SIN
0.
3
0.
2
0.
1
0.
05
DC
0.
5
0.
3
0.
2
0.
1
0.
05
逆電力損失曲線
DC
DC
D=0.
05
D=0.
05
0.
5
0.
5
0.
0.
8
8
0.
8
0.
3
0.
3
0.
2
0.
2
0.
1
0.
1
SIN
SIN
Case Temperature Tc〔℃〕
D=tp/T
T
tp
0
VR
8
7
6
5
4
3
2
1
004
26
10
8
順電力損失曲線
Forward Power Dissipation
DC
D=0.
8
0.
5
0.
3
0.
2
0.
1
0.
05
SIN
DC
D=0.
8
D=0.
8
D=0.
8
0.
5
0.
3
0.
2
0.
1
0.
05
SIN
Tj=175℃
D=tp/T
T
tp
0
IO
Average Rectified Forward Current IO〔A〕
2
5
20
10
0.
1
0.
5
0.
2
1
せん頭サージ順電流耐量
Peak Surge Forward Current Capability
80
40
120
100
60
20
012
5
100
10
20
50
1cycle
10ms10ms
Sine wave
Non-repetitive
Tj=25℃
Number of Cycles〔cycle〕
せん頭サージ順電流減少率−接合部温度
Peak Surge Forward Current Derating vs Junction Temperature
100
80
40
20
60
00
40
20
60
175
80 100 120
160
140
接合容量
Junction Capacitance
1000
10
100
0.1
120
100
10 20
1
0.2
50
2
0.5
5
Junction Temperature Tj〔℃〕
Reverse Voltage VR〔V〕
過渡熱抵抗
Transient Thermal Impedance
100
0.1
10
1
10-4
10-3
10-2
10-1
100
101
103
102
Time t〔s〕
せん頭サージ順電流耐量
Peak Surge Forward Current Capability
150
250
300
0
200
100
50
1
10
5
2
Pulse Width tp〔ms〕
Tj=
Tj=2
25℃
5℃
Tj=25℃
逆方向特性
Reverse Current
20
40
80
120
100
60
Reverse Voltage VR〔V〕
Tc=75°C(TYP)
Tc=125°C(TYP)
Tc=150°C(TYP)
Tc=175°C(TYP)
Tc=100°C(TYP)
Tc=50°C(TYP)
Reverse Power Dissipation
Reverse Voltage VR〔V〕
tp
Sine wave
Non-repetitive
0
10000
100
1000
0.001
0.0001
1
0.1
10
0.01
f=1MHz
Tc=25℃
TYP
Per diode
1素子当り
D6FEC12ST
www.
s
hi
ndengen.
co.
j
p/
pr
oduct
/
s
emi
/
*Si
newaveは50Hzで測定しています。
*50Hzsi
newavei
susedf
ormeasur
ement
s.
(J532-p〈2016.06〉I2)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com