Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D6FEC15ST Datasheet(PDF) 2 Page - Shindengen Electric Mfg.Co.Ltd

Part # D6FEC15ST
Description  SchottkyBarrierDiode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHINDENGEN [Shindengen Electric Mfg.Co.Ltd]
Direct Link  http://www.shindengen.co.jp/
Logo SHINDENGEN - Shindengen Electric Mfg.Co.Ltd

D6FEC15ST Datasheet(HTML) 2 Page - Shindengen Electric Mfg.Co.Ltd

  D6FEC15ST Datasheet HTML 1Page - Shindengen Electric Mfg.Co.Ltd D6FEC15ST Datasheet HTML 2Page - Shindengen Electric Mfg.Co.Ltd D6FEC15ST Datasheet HTML 3Page - Shindengen Electric Mfg.Co.Ltd D6FEC15ST Datasheet HTML 4Page - Shindengen Electric Mfg.Co.Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
■特性図 CHARACTERI
STI
C DI
AGRAMS
Tc=75°C(TYP)
Tc=125°C(TYP)
順方向特性
Forward Voltage
00.
20.
41.
2
1.
01.
4 1.6
0.8
0.6
Tc=175℃(MAX)
Tc=175℃(TYP)
Tc= 25℃(MAX)
Tc= 25℃(TYP)
10000
100
1000
0.001
1
0.1
10
0.01
逆方向特性
Reverse Current
0
50
150
100
Forward Voltage VF〔V〕
Reverse Voltage VR〔V〕
VR
=75V
ディレーティングカーブ
Derating Curve
D=tp/T
T
tp
0
0
IO
VR
0
2
12
10
8
6
4
0
0.2
0.4
1.6
0.8
1.2
1.4
0.6
1
0
0
50
40
100
150
200
80
160
120
180
DC
0.
5
SIN
SIN
0.
3
0.
2
0.
1
0.
05
DC
0.
5
0.
3
0.
2
0.
1
0.
05
逆電力損失曲線
Reverse Power Dissipation
DC
DC
D=0.
05
D=0.
05
0.
5
0.
5
0.
0.
8
8
0.
8
0.
3
0.
3
0.
2
0.
2
0.
1
0.
1
SIN
SIN
Reverse Voltage VR〔V〕
Case Temperature Tc〔℃〕
Tc=150°C(TYP)
Tc=175°C(TYP)
Tc=100°C(TYP)
Tc=50°C(TYP)
D=tp/T
T
tp
0
VR
8
7
6
5
4
3
2
1
004
26
10
8
順電力損失曲線
Forward Power Dissipation
DC
D=0.
8
0.
5
0.
3
0.
2
0.
1
0.
05
SIN
DC
D=0.
8
D=0.
8
D=0.
8
0.
5
0.
3
0.
2
0.
1
0.
05
SIN
Tj=175℃
D=tp/T
T
tp
0
IO
Average Rectified Forward Current IO〔A〕
2
5
20
10
0.
1
0.
5
0.
2
1
せん頭サージ順電流耐量
Peak Surge Forward Current Capability
80
40
120
100
60
20
012
5
100
10
20
50
1cycle
10ms10ms
Sine wave
Non-repetitive
Tj=25℃
Number of Cycles〔cycle〕
せん頭サージ順電流減少率−接合部温度
Peak Surge Forward Current Derating vs Junction Temperature
100
80
40
20
60
00
40
20
60
175
80 100 120
160
140
接合容量
Junction Capacitance
1000
1
10
100
0.1
150
100
10 20
1
0.2
50
2
0.5
5
Junction Temperature Tj〔℃〕
Reverse Voltage VR〔V〕
過渡熱抵抗
Transient Thermal Impedance
100
0.1
10
1
10-4
10-3
10-2
10-1
100
101
103
102
Time t〔s〕
せん頭サージ順電流耐量
Peak Surge Forward Current Capability
150
250
300
0
200
100
50
1
10
5
2
Pulse Width tp〔ms〕
Tj=
Tj=2
25℃
5℃
Tj=25℃
Pulse measurement Per diode
Pulse measurement Per diode
f=1MHz
Tc=25℃
TYP
Per diode
Tj=175℃
tp
Sine wave
Non-repetitive
1素子当り
D6FEC15ST
www.
s
hi
ndengen.
co.
j
p/
pr
oduct
/
s
emi
/
*Si
newaveは50Hzで測定しています。
*50Hzsi
newavei
susedf
ormeasur
ement
s.
(J532-p〈2016.06〉I2)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com