Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GBA30LP Datasheet(PDF) 1 Page - GOOD-ARK Electronics

Part # GBA30LP
Description  AUTOMOTIVE RECTIFIER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOOD-ARK [GOOD-ARK Electronics]
Direct Link  http://www.goodark.com
Logo GOOD-ARK - GOOD-ARK Electronics

GBA30LP Datasheet(HTML) 1 Page - GOOD-ARK Electronics

  GBA30LP Datasheet HTML 1Page - GOOD-ARK Electronics GBA30LP Datasheet HTML 2Page - GOOD-ARK Electronics GBA30LP Datasheet HTML 3Page - GOOD-ARK Electronics GBA30LP Datasheet HTML 4Page - GOOD-ARK Electronics GBA30LP Datasheet HTML 5Page - GOOD-ARK Electronics GBA30LP Datasheet HTML 6Page - GOOD-ARK Electronics GBA30LP Datasheet HTML 7Page - GOOD-ARK Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
AUTOMOTIVE RECTIFIER
苏州固锝电子股份有限公司
SUZHOU GOOD-ARK ELECTRONIC CO., LTD
制造厂家:苏州固锝电子股份有限公司
作成年月日:
2013-11-06
作成部门:汽车电子事业部
批准人
:
一:客户承认签署的内容
请确认并签署记录如下内容
我公司的全称:
我司选择的包装形式是:
GD 包装
□
中性包装
□
我司接受的印字形式是:
“GD”印字形式
□
我司指定的印字形式(以定单要求为准)
□
其他特殊要求(页面不足时可另附说明资料一同签回)
:
NO.
GD Type
Customer Type
Confirmation
Date
Remark
1
2
3
4
5
6
7
8
9
10
二:苏州固锝电子股份有限公司将严格按照如下规格要求提供产品。
本规格承认书的记载内容如下:
2.1 DATA SHEET(见附件)。
2.2电性测试报告(在样品盒内随同样品发出)。
2.3印字规格
MARKING 例:
GOODARK型号
对应的印字规格
GBA30LP
GBA30LN
G B A
3 0 L N
G B A
3 0 L P


Similar Part No. - GBA30LP

ManufacturerPart #DatasheetDescription
logo
Thinki Semiconductor Co...
GBA30LP THINKISEMI-GBA30LP Datasheet
1Mb / 3P
30 Ampere Avalanche Type Block Rectifier Diodes for Mitsubishi Alternator
More results

Similar Description - GBA30LP

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
AR2500 GOOD-ARK-AR2500 Datasheet
48Kb / 2P
AUTOMOTIVE RECTIFIER
logo
Galaxy Semi-Conductor H...
ARS2505 BILIN-ARS2505 Datasheet
207Kb / 2P
AUTOMOTIVE RECTIFIER
logo
Chenmko Enterprise Co. ...
RA2505PT CHENMKO-RA2505PT Datasheet
92Kb / 2P
AUTOMOTIVE RECTIFIER
logo
SHENZHEN YONGERJIA INDU...
RAS2505 WINNERJOIN-RAS2505 Datasheet
126Kb / 2P
AUTOMOTIVE RECTIFIER
RAS1505 WINNERJOIN-RAS1505 Datasheet
98Kb / 1P
AUTOMOTIVE RECTIFIER
RAL3505 WINNERJOIN-RAL3505 Datasheet
107Kb / 2P
AUTOMOTIVE RECTIFIER
RAL1505 WINNERJOIN-RAL1505 Datasheet
161Kb / 2P
AUTOMOTIVE RECTIFIER
RAL750 WINNERJOIN-RAL750 Datasheet
110Kb / 2P
AUTOMOTIVE RECTIFIER
RA2505 WINNERJOIN-RA2505 Datasheet
147Kb / 2P
AUTOMOTIVE RECTIFIER
RA1505 WINNERJOIN-RA1505 Datasheet
149Kb / 2P
AUTOMOTIVE RECTIFIER
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com