Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TOS020016 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # TOS020016
Description  RF Power Barrel Capacitors with Screw Terminals, Class 1 and Class 2 Ceramic
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TOS020016 Datasheet(HTML) 2 Page - Vishay Siliconix

  TOS020016 Datasheet HTML 1Page - Vishay Siliconix TOS020016 Datasheet HTML 2Page - Vishay Siliconix TOS020016 Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
TOS 020016
www.vishay.com
Vishay Draloric
Revision: 25-Feb-16
2
Document Number: 22086
For technical questions, contact: powcap@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Notes
•# 14th to 15th digit: capacitance tolerance code ± 10 % = 36; ± 20 % = 38
• RoHS-compliant parts on request
(1) The surface temperature during operation must not exceed +100 °C
Note
(1) Dimension L1 and L2 will vary depending upon capacitance value
SAP PART NUMBER AND ELECTRICAL DATA
PART NUMBER
CERAMIC
CAP.
VALUES
(pF)
RATED
VOLTAGE
(kVDC)
MAX. POWER RATING (1)
MAX. CURRENT RATING
1.0 MHz
(kvar)
10 MHz
(kvar)
30 MHz
(kvar)
1.0 MHz
(ARMS)
10 MHz
(ARMS)
30 MHz
(ARMS)
BS020016VZ10036AC1
C0G
(NP0)
10
7.5
1.710
100.3
2.5
4.3
BS020016VZ15036AC1
15
3.2
10
10
0.6
3.1
5.3
BS020016VZ25036AC1
25
4.4
10
10
0.8
4.0
6.9
BS020016VZ30036AC1
30
5.3
10
10
1.0
4.4
7.5
BS020016VZ40036AC1
40
7.0
10
10
1.3
5.1
8.7
BS020016VZ50036AC1
50
8.8
10
10
1.7
5.6
9.7
BS020016VZ75036AL1
U2J
(N750)
75
10
10
7.0
2.2
6.9
10
BS020016VZ10136AL1
100
10
10
5.3
2.5
7.9
10
BS020016VZ15136AS1
N5600
150
5.0
5.0
3.5
2.2
6.9
10
BS020016VZ20136AS1
200
5.0
5.0
2.7
2.5
7.9
10
BS020016VZ30136AS1
300
5.0
5.0
1.8
3.1
9.7
10
BS020016VZ40138AT1
X7R
400
0.4
0.4
0.4
1.0
3.2
5.5
BS020016VZ50138AT1
500
0.4
0.4
0.4
1.1
3.6
6.1
BS020016VZ60138AU1
600
0.4
0.4
0.4
1.2
3.9
6.7
BS020016VZ80138AU1
800
0.4
0.4
0.4
1.4
4.5
7.8
BS020016VZ10238AV1
1000
0.2
0.2
0.2
1.1
3.6
6.1
BS020016VZ15238AV1
1500
0.2
0.2
0.2
1.4
4.3
7.5
BS020016VZ20238BA1
Y5U
2000
0.2
0.2
0.2
1.6
5.0
8.7
BS020016VZ25238BA1
2500
0.2
0.2
0.2
1.8
5.6
9.7
DIMENSIONS in millimeters (inches)
RELATED DOCUMENTS
General Information
www.vishay.com/doc?22071
max. Ø 21
(max. Ø 0.83)
6.0
(0.236)
6-32 UNC thread
min. 4.8 (0.189) depth
L
1 max. = 22.6 (0.890)
(1)
L
2 max. =
16.0 ± 1.5 (0.630 ± 0.059) (1)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com