Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ESD3LC Datasheet(PDF) 2 Page - FutureWafer Tech Co.,Ltd

Part # ESD3LC
Description  Ultra low capacitance ESD Protection
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUTUREWAFER [FutureWafer Tech Co.,Ltd]
Direct Link  http://futurewafer.com.tw/
Logo FUTUREWAFER - FutureWafer Tech Co.,Ltd

ESD3LC Datasheet(HTML) 2 Page - FutureWafer Tech Co.,Ltd

  ESD3LC Datasheet HTML 1Page - FutureWafer Tech Co.,Ltd ESD3LC Datasheet HTML 2Page - FutureWafer Tech Co.,Ltd ESD3LC Datasheet HTML 3Page - FutureWafer Tech Co.,Ltd ESD3LC Datasheet HTML 4Page - FutureWafer Tech Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Parameter
Symbol
Condition
min
max
Units
Reverse Stand-off Voltage
VRWM
Pin 1,2 to Pin 3
5
V
Reverse Breakdown Voltage
VBR
IZ=1mA,Pin 1-2 to Pin 3
6
V
Reverse Leakage Current
I R(max)
@VRWM
1
uA
Forward Voltage
V F(max)
IF=15mA, Pin 3 to Pin1,2
1.15
V
Clamping Voltage
VC
IPP=1A tp=8/20us
10
V
Peak Pulse Current
IPP
tp=8/20us
4
A
Junction Capacitance
Pin 1 to Pin 2, Vdc=0V,f=1MHZ
0.4
pf
C I/O
Pin 1,2 to Pin 3, Vdc=0V,f=1MHZ
0.8
pf
ESD3LC
Ultra low capacitance ESD Protection
Electrical Characteristics
E1604F3A-STD-FW-001
Futurewafer Technology Co., Ltd



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com