Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FE5VC2S1 Datasheet(PDF) 1 Page - FutureWafer Tech Co.,Ltd

Part # FE5VC2S1
Description  Chip low capacitance 2 fold ESD protection diode
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUTUREWAFER [FutureWafer Tech Co.,Ltd]
Direct Link  http://futurewafer.com.tw/
Logo FUTUREWAFER - FutureWafer Tech Co.,Ltd

FE5VC2S1 Datasheet(HTML) 1 Page - FutureWafer Tech Co.,Ltd

  FE5VC2S1 Datasheet HTML 1Page - FutureWafer Tech Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Chip low capacitance 2—fold ESD protection diode
Mechanical Data
Notes
Dice size
AX:340um,AY:240,B=80um/P1,2:80*80um
Wafer size
4” (Gross die:84,000pcs/Good die>78,120pcs)
Chip Thickness
138um±12um B)460um±20um
Scribe line width
60um
Top metal
Al/Au/Ag
Back side metal
Al/Au/Ag/Sn
Parameter
Symbol
Conditions
Value
Unit
Reverse stand-off voltage
VRWM
5.0
V
Peak pulse power
PPP
Tp=8/20us
25*
W
Peak pulse current
IPP
Tp=8/20us
2.0*
A
Electrostatic discharge
VESD
IEC61000-4-2
Level 4
>15(Contact)
>20(Air)
KV
Max.junction temp.
Tj
150
°C
Parameter
Symbol
Condition
Min.
Typ.
Max.
Unit
Breakdown voltage
VBR
IT=1mA
6.05
7.1
V
Reverse leakage current
IR
VR=5V
0.2
uA
Clamping voltage
VC
IPP=2.0A
12.5*
V
Forward Voltage
VF
IF=10mA
1.1
V
Diode capacitance
Cj
VR=0V
f=1MHZ
9.5
pf
Characteristics TA=25°C
Notes:
(1)sampling testing:no bad dice inking/guaranteed good die >93%
(2)Testing follow customer
(3)Tj=Ta+Rth(j-a)*(pf+pr),where Rth(j-a)-thermal resistance,Pf-forward power dissipation,
Pr-revers power dissipation
(4)**For device testing
Futurewafer Technology Co.,Ltd www.futurewafer.com.tw+886-3-3573583
FE5VC2S1
EW1608D8-FW-A


Similar Part No. - FE5VC2S1

ManufacturerPart #DatasheetDescription
logo
Omega Engineering, Inc.
FE5-120B OMEGA-FE5-120B Datasheet
228Kb / 1P
medium temperature constant wattage heating cable
FE5-240B OMEGA-FE5-240B Datasheet
228Kb / 1P
medium temperature constant wattage heating cable
logo
Weller Tools
FE50 WELLER-FE50 Datasheet
572Kb / 5P
Fine Duty Irons, 15 Watts
logo
Baumer IVO GmbH & Co. K...
FE504 IVO-FE504 Datasheet
525Kb / 4P
Preset counters electromechanic
FE504.650BB3C IVO-FE504.650BB3C Datasheet
525Kb / 4P
Preset counters electromechanic
More results

Similar Description - FE5VC2S1

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PESD3V3L5UY PHILIPS-PESD3V3L5UY Datasheet
87Kb / 11P
Low capacitance 5-fold ESD protection diode arrays in SOT363 package
2004 Mar 23
PESD5V0L5UV PHILIPS-PESD5V0L5UV Datasheet
85Kb / 11P
Low capacitance 5-fold ESD protection diode arrays in SOT666 package
2004 Mar 23
PESD5V0L6US PHILIPS-PESD5V0L6US Datasheet
97Kb / 14P
Low capacitance 6-fold ESD protection diode arrays
Rev. 02-9 November 2004
PESD5V0L7BAS PHILIPS-PESD5V0L7BAS Datasheet
98Kb / 14P
Low capacitance 7-fold bidirectional ESD protection diode arrays
Rev. 02-25 November 2004
PESD5V0L6UAS NXP-PESD5V0L6UAS Datasheet
109Kb / 14P
Low capacitance 6-fold ESD protection diode arrays
Rev. 03-18 August 2009
PESD5V0L7BAS NXP-PESD5V0L7BAS Datasheet
109Kb / 14P
Low capacitance 7-fold bidirectional ESD protection diode arrays
Rev. 03-20 August 2009
logo
Pan Jit International I...
PJESD5V6LC-5W PANJIT-PJESD5V6LC-5W Datasheet
206Kb / 4P
LOW CAPACITANCE 5-FOLD ESD PROTECTION DIODE ARRAYS
logo
FutureWafer Tech Co.,Lt...
FE3V3C4S1 FUTUREWAFER-FE3V3C4S1 Datasheet
511Kb / 1P
Chip low capacitance 4 - fold ESD protection diode
logo
Nexperia B.V. All right...
PESD5V0L6UAS NEXPERIA-PESD5V0L6UAS Datasheet
108Kb / 14P
Low capacitance 6-fold ESD protection diode arrays
Rev. 03 - 18 August 2009
PESD5V0L7BAS NEXPERIA-PESD5V0L7BAS Datasheet
166Kb / 15P
Low capacitance 7-fold bidirectional ESD protection diode arrays
Rev. 4 - 23 June 2010
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com