Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMV422 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMV422
Description  Dual Rail-to-Rail Output Operational Amplifier with
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMV422 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  LMV422 Datasheet HTML 1Page - National Semiconductor (TI) LMV422 Datasheet HTML 2Page - National Semiconductor (TI) LMV422 Datasheet HTML 3Page - National Semiconductor (TI) LMV422 Datasheet HTML 4Page - National Semiconductor (TI) LMV422 Datasheet HTML 5Page - National Semiconductor (TI) LMV422 Datasheet HTML 6Page - National Semiconductor (TI) LMV422 Datasheet HTML 7Page - National Semiconductor (TI) LMV422 Datasheet HTML 8Page - National Semiconductor (TI) LMV422 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Absolute Maximum Ratings (Note 1)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
ESD Tolerance(Note 2)
Human Body
2000V
Machine Model
200V
V
IN Differential
±2V
Supply Voltage (V
+ -V−)
2.5V to 5.5V
Storage Temperature Range
−65˚C to +150˚C
Junction Temperature (Note 4)
+150˚C
Soldering Information
Infrared or Convection (20 sec)
235˚C
Wave Soldering Lead Temp. (10 sec)
260˚C
Operating Ratings (Note 1)
Supply Voltage (V
+ –V−)
2.7V to 5.5V
Temperature Range
−40˚C to +85˚C
Package Thermal Resistance (
θ
JA)
10-Pin MSOP
210˚C/W
5V Full Power Mode Electrical Characteristics
Unless otherwise specified, all limits guaranteed for at T
J = 25˚C, V
+ = 5V, V− = 0V, V
CM =VO =V
+/2, PS = V−. Boldface lim-
its apply at the temperature extremes.
Symbol
Parameter
Conditions
Min
(Note 6)
Typ
(Note 5)
Max
(Note 6)
Units
V
OS
Input Offset Voltage
1
4
5.5
mV
∆V
OS
Input Offset Voltage Difference V
OS in Full Power Mode −
V
OS in Low Power Mode
0.1
1
mV
TC V
OS
Input Offset Average Drift
(Note 9)
2
µV/C
I
B
Input Bias Current
5
pA
CMRR
Common Mode Rejection
Ratio
V
CM Stepped from 0V to 3.5V
68
60
85
dB
PSRR
Power Supply Rejection Ratio
V
+ = 2.7V to 5V
66
60
90
dB
CMVR
Input Common Mode Voltage
Range
CMRR
≥ 50 dB
−0.3
3.8
V
A
VOL
Large Signal Voltage Gain
V
O = 0.75V to 4.25V
R
L =1M
Ω
72
70
100
dB
V
O = 0.75V to 4.25V
R
L =10k
Ω
75
70
102
V
O
Output Swing High
R
L =10k
Ω to V+/2
4.93
4.88
4.97
V
R
L =1M
Ω to V+/2
4.94
4.89
4.98
Output Swing Low
R
L =10k
Ω to V+/2
33
180
230
mV
R
L =1M
Ω to V+/2
25
120
170
I
SC
Output Short Circuit Current
Sourcing, V
O =0V
V
ID = 100 mV
35
mA
Sinking, V
O =5V
V
ID = −100 mV
916
I
S
Supply Current Per Channel
PS
≤ 0.5V
400
650
900
µA
SR
Slew Rate
V
O = 3V, AV = +2
1.8
3.8
V/µs
GBW
Gain Bandwidth Product
8
MHz
e
n
Input-Referred Voltage Noise
f = 100 kHz
20
nV/
f = 1 kHz
25
www.national.com
2



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com