Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HC660 Datasheet(PDF) 2 Page - A-Data Technology

Part # HC660
Description  Ultra-slim design at just 9.6mm
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A-DATA [A-Data Technology]
Direct Link  https://www.adata.com
Logo A-DATA - A-Data Technology

HC660 Datasheet(HTML) 2 Page - A-Data Technology

  HC660 Datasheet HTML 1Page - A-Data Technology HC660 Datasheet HTML 2Page - A-Data Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Gorgeous textured surface
We’ve employed sandblasted and electroplated
metal in the HC660 enclosure to deliver strong
resistance
against
scratches,
paint
chips,
fingerprints, and smudges. The coming together of
science, engineering, and fashion make this
possible, proving that delicate beauty and tough
performance can go together, and that an essential
storage device can be elevated to a style statement.
Features
● Ultra-slim design at just 9.6mm
● Durable metallic enclosure
● Sleek, stylish, and great for multiple
applications
● Lots more capacity in a slim form
● 256-bit AES encryption
Specifications
● Interface: USB 3.0
● Capacity: 1TB / 2TB
● Color: Titanium
● Dimensions (L x W x H): 120 x 76 x 9.6mm
● Weight: 124g(4.3oz)
● Warranty: 3 years
Ordering Information
Capacity
Model Number
EAN Code
1TB
■ AHC660-1TU3-CGY
4712366966178
2TB
■ AHC660-2TU3-CGY
4712366966185



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com