Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD4U2666J4G19-R Datasheet(PDF) 1 Page - A-Data Technology

Part # AD4U2666J4G19-R
Description  Supports Intel Skylake-X and Kaby Lake-X CPU
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A-DATA [A-Data Technology]
Direct Link  https://www.adata.com
Logo A-DATA - A-Data Technology

AD4U2666J4G19-R Datasheet(HTML) 1 Page - A-Data Technology

  AD4U2666J4G19-R Datasheet HTML 1Page - A-Data Technology AD4U2666J4G19-R Datasheet HTML 2Page - A-Data Technology AD4U2666J4G19-R Datasheet HTML 3Page - A-Data Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Premier DDR4 2666 Unbuffered DIMM
Premier DDR4 2666 U-DIMM represents a new and appealing desktop memory upgrade option, with optimized
support for the latest Intel processor and chipset platforms delivering high performance. Meticulous compliance with
JEDEC DDR4 specifications means fast clock frequencies up to 2666MHz combined with 20% power draw savings
compared to DDR3. Premier DDR4 2666 modules therefore boost both performance and environmental conservation.
Features
● High speed up to 2666MHz
● Transfer bandwidth up to 21.3GB/s
● Energy efficient: saves 20% power compared to
DDR3
● 8-layer PCB provides improved signal transfer and
system stability
● Supports Intel Skylake-X and Kaby Lake-X CPU
Specifications
● For desktop PCs
● Module: 288-pin DIMM
● Densities: 4GB / 8GB / 16GB
● Power supply: VDD and VDDQ=1.2V +0.06/-0.06V
● DRAM activation power supply: VPP = 2.5V (+0.25V /
-0.125V)
● DRAM VCC: DDR4 STD 1.2V
● Operating temperature: 0°C to 85°C
● Warranty: limited lifetime


Similar Part No. - AD4U2666J4G19-R

ManufacturerPart #DatasheetDescription
logo
A-Data Technology
AD4U2133W4G15-2 A-DATA-AD4U2133W4G15-2 Datasheet
401Kb / 2P
High speed up to 2133MHz
AD4U2133W4G15-B A-DATA-AD4U2133W4G15-B Datasheet
401Kb / 2P
High speed up to 2133MHz
AD4U2133W4G15-R A-DATA-AD4U2133W4G15-R Datasheet
401Kb / 2P
High speed up to 2133MHz
AD4U2133W4G15-S A-DATA-AD4U2133W4G15-S Datasheet
401Kb / 2P
High speed up to 2133MHz
AD4U2133W8G15-2 A-DATA-AD4U2133W8G15-2 Datasheet
401Kb / 2P
High speed up to 2133MHz
More results

Similar Description - AD4U2666J4G19-R

ManufacturerPart #DatasheetDescription
logo
Protech Systems Co., Lt...
BA-0951 PROTECHSYSTEMS-BA-0951 Datasheet
702Kb / 2P
ATX MB supports Intel Xeon짰 E3 V3 CPU
logo
Axiomtek Co., Ltd.
EBOX670-891-FL AXIOMTEK-EBOX670-891-FL Datasheet
356Kb / 1P
LGA1151 socket 6th/7th Intel짰 Core??i7/i5/i3 & CeleronR processors (Skylake/Kaby Lake)
IMB500 AXIOMTEK-IMB500 Datasheet
274Kb / 1P
LGA1151 socket 6th/7th gen Intel짰 Core??i7/i5/i3, PentiumR & CeleronR processor (Skylake/Kaby Lake)
IMB501 AXIOMTEK-IMB501 Datasheet
319Kb / 1P
LGA1151 socket 6th/7th gen Intel짰 Core??i7/i5/i3, PentiumR & CeleronR processor (Skylake/Kaby Lake)
logo
Lanner All Rights Reser...
NCA-4210 LANNER-NCA-4210 Datasheet
1Mb / 2P
1U x86 Rackmount Network Appliance Powered by Intel짰?셲 7th Gen Core Processors (Skylake/Kaby Lake)
IIOT-I300 LANNER-IIOT-I300 Datasheet
470Kb / 2P
Industrial Environment Gateway IPC with Intel® Apollo Lake CPU
V.1-2023.01.04
logo
BCM Advanced Research.
ECM-KBLU BCM-ECM-KBLU Datasheet
415Kb / 1P
7th Gen Intel® Kaby Lake-U Processor 3.5” Micro Module
2021/02/23
MX110H BCM-MX110H Datasheet
445Kb / 1P
Intel H110 mini-ITX Motherboard Kaby Lake Skylake Platform
2020/12/14
MX170QD BCM-MX170QD Datasheet
428Kb / 1P
Intel Q170 mini-ITX motherboard supports 6th/7th Generation 14nm Intel Kaby Lake/ Skylake Core i7/i5/i3 Processors
2020/12/14
RX170Q BCM-RX170Q Datasheet
583Kb / 1P
Intel® Q170 uATX Motherboard supports Intel Kaby Lake/ Skylake Processors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com