Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD4U2133W8G15-R Datasheet(PDF) 2 Page - A-Data Technology

Part # AD4U2133W8G15-R
Description  High speed up to 2133MHz
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A-DATA [A-Data Technology]
Direct Link  https://www.adata.com
Logo A-DATA - A-Data Technology

AD4U2133W8G15-R Datasheet(HTML) 2 Page - A-Data Technology

  AD4U2133W8G15-R Datasheet HTML 1Page - A-Data Technology AD4U2133W8G15-R Datasheet HTML 2Page - A-Data Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Ordering Information
Capacity
Package
Model Number
EAN Code
4GB
512x8
Bulk
AD4U2133W4G15-B
N/A
Single Tray
AD4U2133W4G15-S
4713435799888
Retail
AD4U2133W4G15-R
4713435799895
Dual Retail (4GB x 2)
AD4U2133W4G15-2
4713435799901
8GB
512x8
Bulk
AD4U2133W8G15-B
N/A
Single Tray
AD4U2133W8G15-S
4713435799826
Retail
AD4U2133W8G15-R
4713435799833
Dual Retail (8GB x 2)
AD4U2133W8G15-2
4713435799840
Package Information
Package
Type
IC
QTY
Bulk
weight
(g)
Qty per
tray(pcs)
Weight
per
tray (g)
Qty
per
sub
carton
(pcs)
Weight
per sub
carton
Carton
Dimension
(LxWxH)
Cuft
Qty per
carton
(pcs)
Carton
N.W. (g)
Carton
G.W.(g)
Bulk
8
16.4
50
1,028
100
2,404
445 x 346 x
280mm
1.52
500
12,020
12,883
16
17.6
50
1,088
100
2,524
500
12,620
13,483
Package
Type
IC
QTY
Bulk
weight (g)
Single tray
weight (g)
Single Tray
Dimension
(LxWxH)
Carton
Dimension
(LxWxH)
Cuft
Qty per
carton (pcs)
Carton
N.W. (g)
Carton
G.W.(g)
Single
Tray
8
16.4
28
170 x 55 x 9mm
545 x 255 x
278mm
1.37
300
8,520
10,275
16
17.6
30
300
8,880
10,635
Package
Type
IC
QTY
Bulk
weight (g)
Retail
weight (g)
Retail Dimension
(LxWxH)
Carton
Dimension(LxWxH)
Cuft
Qty per
carton (pcs)
Carton
N.W. (g)
Carton
G.W.(g)
Retail
8
16.4
48
133.5 x 165 x
19mm
606 x 345 x 150mm
1.11
100
4,840
5,894
16
17.6
50
100
4,960
6,014
Package
Type
IC
QTY
Bulk
weight (g)
Retail
weight (g)
Retail Dimension
(LxWxH)
Carton
Dimension(LxWxH)
Cuft
Qty per
carton (pcs)
Carton
N.W. (g)
Carton
G.W.(g)
Dual
Retail
8
16.4
72
168 x 164 x 19mm
606 x 345 x 195mm
1.43
100
7,180
8,249
16
17.6
74
100
7,420
8,489



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com