Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS5908 Datasheet(PDF) 1 Page - Texas Instruments

Part # TPS5908
Description  TPS5908, TPS5908A, TPS5910, TPS5910A OPTOISOLATED FEEDBACK AMPLIFIERS
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS5908 Datasheet(HTML) 1 Page - Texas Instruments

  TPS5908 Datasheet HTML 1Page - Texas Instruments TPS5908 Datasheet HTML 2Page - Texas Instruments TPS5908 Datasheet HTML 3Page - Texas Instruments TPS5908 Datasheet HTML 4Page - Texas Instruments TPS5908 Datasheet HTML 5Page - Texas Instruments TPS5908 Datasheet HTML 6Page - Texas Instruments TPS5908 Datasheet HTML 7Page - Texas Instruments TPS5908 Datasheet HTML 8Page - Texas Instruments TPS5908 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
TPS5908, TPS5908A, TPS5910, TPS5910A
OPTOISOLATED FEEDBACK AMPLIFIERS
SOES030B – MAY 1997 – REVISED JANUARY 1998
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
D TLV431 Precision Programmable Reference
(1.24 V) and an Optocoupler in a Single
Package
D 1% Voltage-Reference Tolerance
D Controlled Optocoupler CTRs:
TPS5908, TPS5910
100% to 400%
TPS5908A, TPS5910A
150% to 300%
D High Withstand Voltage (WTV), 7500 V Peak
for 1 Minute
D Safety Regulatory Approvals
– UL... File Number E65085
– FIMKO, SEMKO, NEMKO, DEMKO
– EN60065/IEC 65
– EN60950/IEC 950
– VDE 0884, Level 4 (6000-V Insulation)
description
These optoisolated feedback amplifiers consist of the industry standard TLV431 precision programmable
reference with a 1% reference voltage tolerance, and an optocoupler. The devices are primarily intended for
use as the error-amplifier/reference/isolation-amplifier element in isolated ac-to-dc power supplies and dc-to-dc
converters. The optocoupler is a gallium-arsenide (GaAs) light-emitting diode that emits at a wavelength of
940 nm, combined with a silicon phototransistor. The current transfer ratio (CTR) ranges from 100% to 400%
in the standard version. The TPS5908A and TPS5910A versions with 150%-to-300% CTR are available for
higher-performance applications. All versions enable power-supply designers to reduce component count and
save space in tightly packaged designs. The tight-tolerance reference eliminates the need for adjustments in
many applications.
These devices are characterized for operation from – 40
°C to 100°C. Each amplifier is supplied in an 8-pin DIP
or in an 8-pin gull-wing surface-mount package (DCS).
typical application
1
2
4
3
7
6
TPS5908
PWM
Control
VI
R1
R2
TPS5908, TPS5910: CTR Range, 100% to 400%
TPS5908A, TPS5910A: CTR Range, 150% to 300%
VO
+
+
TPS5908A
TPS5910
TPS5910A
8
(TPS5910, TPS5910A Only)
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
Copyright
© 1998, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
1
2
3
4
8
7
6
5
LED
COMP
GND
FB
NC/BASE†
C
E
NC
DCS OR P PACKAGE
(TOP VIEW)
NC – No internal connection
†BASE – TPS5910, TPS5910A only


Similar Part No. - TPS5908

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS5904 TI-TPS5904 Datasheet
118Kb / 10P
OPTOISOLATED FEEDBACK AMPLIFIERS
TPS5904 TI1-TPS5904 Datasheet
255Kb / 12P
OPTOISOLATED FEEDBACK AMPLIFIERS
TPS5904A TI-TPS5904A Datasheet
118Kb / 10P
OPTOISOLATED FEEDBACK AMPLIFIERS
TPS5904A TI1-TPS5904A Datasheet
255Kb / 12P
OPTOISOLATED FEEDBACK AMPLIFIERS
TPS5904ADCS TI1-TPS5904ADCS Datasheet
255Kb / 12P
OPTOISOLATED FEEDBACK AMPLIFIERS
More results

Similar Description - TPS5908

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS5904 TI-TPS5904 Datasheet
118Kb / 10P
OPTOISOLATED FEEDBACK AMPLIFIERS
logo
Intersil Corporation
EL2270 INTERSIL-EL2270 Datasheet
333Kb / 12P
70MHz/1mA Current Mode Feedback Amplifiers
July 13, 2004
EL2460 INTERSIL-EL2460 Datasheet
294Kb / 15P
Dual/Quad 130MHz Current Feedback Amplifiers
January 1995
logo
Elantec Semiconductor
EL2232D ELANTEC-EL2232D Datasheet
392Kb / 1P
Dual 60MHz Current Feedback Amplifiers
logo
Fairchild Semiconductor
FHP3350_0612 FAIRCHILD-FHP3350_0612 Datasheet
1Mb / 19P
Triple and Quad Voltage Feedback Amplifiers
logo
Intersil Corporation
EL5164 INTERSIL-EL5164_07 Datasheet
447Kb / 16P
600MHz Current Feedback Amplifiers with Enable
EL5160 INTERSIL-EL5160_07 Datasheet
538Kb / 17P
200MHz Low-Power Current Feedback Amplifiers
EL5166 INTERSIL-EL5166 Datasheet
654Kb / 16P
1.4GHz Current Feedback Amplifiers with Enable
September 14, 2010
logo
Texas Instruments
TPS5904 TI1-TPS5904_12 Datasheet
255Kb / 12P
OPTOISOLATED FEEDBACK AMPLIFIERS
logo
Renesas Technology Corp
EL5166 RENESAS-EL5166 Datasheet
972Kb / 16P
1.4GHz Current Feedback Amplifiers with Enable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com