Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM5115MMX Datasheet(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM5115MMX
Description  Secondary Side Post Regulator Controller
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM5115MMX Datasheet(HTML) 6 Page - National Semiconductor (TI)

Back Button LM5115MMX Datasheet HTML 2Page - National Semiconductor (TI) LM5115MMX Datasheet HTML 3Page - National Semiconductor (TI) LM5115MMX Datasheet HTML 4Page - National Semiconductor (TI) LM5115MMX Datasheet HTML 5Page - National Semiconductor (TI) LM5115MMX Datasheet HTML 6Page - National Semiconductor (TI) LM5115MMX Datasheet HTML 7Page - National Semiconductor (TI) LM5115MMX Datasheet HTML 8Page - National Semiconductor (TI) LM5115MMX Datasheet HTML 9Page - National Semiconductor (TI) LM5115MMX Datasheet HTML 10Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
Electrical Characteristics Unless otherwise specified, T
J = –40˚C to +125˚C, VBIAS = 12V, No Load on LO
or HO. (Continued)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
CURRENT LIMIT
ILIMIT Amp Transconductance
16
mA / V
Overall Transconductance
237
mA / V
Positive Current Limit
V
CL =VCS -VVOUT
VOUT = 6V and CO/COMP = 1.5V
37
45
53
mV
Positive Current Limit Foldback
V
CL =VCS -VVOUT
VOUT = 0V and CO/COMP = 1.5V
31
38
45
mV
VCLneg
Negative Current Limit
VOUT = 6V
V
CL =VCS -VVOUT to cause LO to
shutoff
-17
mV
RAMP GENERATOR
SYNC Input Impedance
2.5
k
Ω
SYNC Threshold
End of cycle detection threshold
15
µA
Free Run Mode Peak Threshold
RAMP peak voltage with dc current
applied to SYNC.
2.3
V
Current Mirror Gain
Ratio of RAMP charge current to
SYNC input current.
2.7
3.3
A/A
Discharge Impedance
100
Ω
LOW SIDE GATE DRIVER
V
OLL
LO Low-state Output Voltage
I
LO = 100mA
0.2
0.5
V
V
OHL
LO High-state Output Voltage
I
LO = -100mA, VOHL =VCC -VLO
0.4
0.8
V
LO Rise Time
C
LOAD = 1000pF
15
ns
LO Fall Time
C
LOAD = 1000pF
12
ns
I
OHL
Peak LO Source Current
V
LO =0V
2
A
I
OLL
Peak LO Sink Current
V
LO = 12V
2.5
A
HIGH SIDE GATE DRIVER
V
OLH
HO Low-state Output Voltage
I
HO = 100mA
0.2
0.5
V
V
OHH
HO High-state Output Voltage
I
HO = -100mA, VOHH =VHB –VHO
0.4
0.8
V
HO Rise Time
C
LOAD = 1000pF
15
ns
HO High Side Fall Time
C
LOAD = 1000pF
12
ns
I
OHH
Peak HO Source Current
V
HO =0V
2
A
I
OLH
Peak HO Sink Current
V
HO = 12V
2.5
A
SWITCHING CHARACTERISITCS
LO Fall to HO Rise Delay
C
LOAD = 0
70
ns
HO Fall to LO Rise Delay
C
LOAD = 0
50
ns
SYNC Fall to HO Fall Delay
C
LOAD = 0
120
ns
SYNC Rise to LO Fall Delay
C
LOAD = 0
50
ns
THERMAL SHUTDOWN
T
SD
Thermal Shutdown Temp.
150
165
˚C
Thermal Shutdown Hysteresis
25
˚C
THERMAL RESISTANCE
θ
JA
Junction to Ambient
MTC Package
125
˚C/W
θ
JA
Junction to Ambient
SDA Package
32
˚C/W
Note 1: Absolute Maximum Ratings indicate limits beyond which damage to the component may occur. Operating Ratings are conditions under which operation of
the device is guaranteed. Operating Ratings do not imply guaranteed performance limits. For guaranteed performance limits and associated test conditions, see the
Electrical Characteristics tables.
Note 2: The human body model is a 100 pF capacitor discharged through a 1.5k
Ω resistor into each pin.
Note 3: Min and Max limits are 100% production tested at 25˚C. Limits over the operating temperature range are guaranteed through correlation using Statistical
Quality Control (SQC) methods. Limits are used to calculate National’s Average Outgoing Quality Level (AOQL).
Note 4: Device thermal limitations may limit usable range.
www.national.com
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com