Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STGP12NB60K Datasheet(PDF) 2 Page - STMicroelectronics

Part # STGP12NB60K
Description  N-CHANNEL 18A - 600V TO-220 SHORT CIRCUIT PROOF PowerMESH™ IGBT
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGP12NB60K Datasheet(HTML) 2 Page - STMicroelectronics

  STGP12NB60K Datasheet HTML 1Page - STMicroelectronics STGP12NB60K Datasheet HTML 2Page - STMicroelectronics STGP12NB60K Datasheet HTML 3Page - STMicroelectronics STGP12NB60K Datasheet HTML 4Page - STMicroelectronics STGP12NB60K Datasheet HTML 5Page - STMicroelectronics STGP12NB60K Datasheet HTML 6Page - STMicroelectronics STGP12NB60K Datasheet HTML 7Page - STMicroelectronics STGP12NB60K Datasheet HTML 8Page - STMicroelectronics STGP12NB60K Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
STGP12NB60K
2/9
ABSOLUTE MAXIMUM RATINGS
( ) Pulsewidth limitedby safeoperating area
THERMAL DATA
ELECTRICAL CHARACTERISTICS (TCASE = 25 °C UNLESS OTHERWISE SPECIFIED)
OFF
ON (1)
DYNAMIC
Symbol
Parameter
Value
Unit
VCES
Collector-Emitter Voltage (VGS =0)
600
V
VECR
Emitter-Collector Voltage
20
V
VGE
Gate-Emitter Voltage
± 20
V
IC
Collector Current (continuous) at TC = 25°C (#)
30
A
IC
Collector Current (continuous) at TC = 100°C (#)
18
A
ICM ( )
Collector Current (pulsed)
60
A
Tsc
Short Circuit Withstand
10
µs
PTOT
Total Dissipation at TC = 25°C
125
W
Derating Factor
1.0
W/°C
Tstg
Storage Temperature
–65 to 150
°C
Tj
Max. Operating Junction Temperature
150
°C
Rthj-case
Thermal Resistance Junction-case Max
1.0
°C/W
Rthj-amb
Thermal Resistance Junction-ambient Max
62.5
°C/W
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VBR(CES)
Collector-Emitter Breakdown
Voltage
IC =250 µA, VGE = 0
600
V
ICES
Collector cut-off
(VGE =0)
VCE = Max Rating, TC =25 °C
VCE = Max Rating, TC = 125 °C
50
100
µA
µA
IGES
Gate-Emitter Leakage
Current (VCE =0)
VGE = ± 20V , VCE = 0
±100
nA
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VGE(th)
Gate Threshold Voltage
VCE =VGE,IC =250 µA
57
V
VCE(sat)
Collector-Emitter Saturation
Voltage
VGE = 15V, IC =12 A
VGE =15V,IC =12A, Tj =125°C
2.2
1.7
2.8
V
V
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
gfs
Forward Transconductance
VCE =25 V , IC =12 A
5S
Cies
Coes
Cres
Input Capacitance
Output Capacitance
Reverse Transfer Capacitance
VCE =25V,f=1 MHz,VGE =0
890
110
22
pF
pF
pF
Qg
Qge
Qgc
Total Gate Charge
Gate-Emitter Charge
Gate-Collector Charge
VCE =480V, IC =12 A,
VGE = 15V
54
8
31
nC
nC
nC
ICL
Latching Current
Vclamp = 480 V , VGE =15V,
Tj = 125°C , RG =10 Ω
48
A
Twsc
Short Circuit WITHSTAND
Time
VCE =0.5 BVces , VGE =15 V
Tj = 125°C , RG =10 Ω
10
µs



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com