Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SIP2800 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # SIP2800
Description  Low Power Consumption Current Mode Controller
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIP2800 Datasheet(HTML) 2 Page - Vishay Siliconix

  SIP2800 Datasheet HTML 1Page - Vishay Siliconix SIP2800 Datasheet HTML 2Page - Vishay Siliconix SIP2800 Datasheet HTML 3Page - Vishay Siliconix SIP2800 Datasheet HTML 4Page - Vishay Siliconix SIP2800 Datasheet HTML 5Page - Vishay Siliconix SIP2800 Datasheet HTML 6Page - Vishay Siliconix SIP2800 Datasheet HTML 7Page - Vishay Siliconix SIP2800 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
SiP2800/01/02/03/04/05
Vishay Siliconix
New Product
www.vishay.com
2
Document Number: 72660
S-41623—Rev.C, 30-Aug-04
ABSOLUTE MAXIMUM RATINGS
VCC
12 V
.........................................................
FB, Comp, CS
--0.3 V to 6 V
........................................
Power Disispation SO-8
1 W
........................................
Power Disispation TSSOP-8
830 mW
................................
StorageTemperature
--55 to 150_C
..................................
Currents are positive into, negative out of the specificed terminal.
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation
of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect device reliability.
RECOMMENDED OPERATING RANGE
Input Voltage SiP2803/5
5 to 11 V
....................................
Input Voltage SiP2800/1/2/4
6 to 11 V
................................
Operating Temperature Range
--40 to 85_C
...........................
SPECIFICATIONS
Test Conditions Unless Specified
Limits
Parameter
Symbol
VCC =10 V, RT = 100 kΩ,CT = 330 pF
CREF =0.1 mF, --40 _C<TA <85 _C
Mina
Typb
Maxa
Unit
Reference
ILOAD = 0 2 mA TA= 25 °C
SiP2800/1/2/4
4.925
5.000
5.075
Reference Voltage
VREF
ILOAD = 0.2 mA, TA= 25 °C
SiP2803/5
3.940
4.000
4.06
V
Reference Voltage
VREF
SiP2800/1/2/4
4.88
5.00
5.10
V
SiP2803/5
3.90
4.00
4.08
Load Regulation
∆VLOAD
0.2mA< ILOAD <5mA
10
30
mV
Line Regulation
∆V
Vcc=10 V to Clamp , TA =25 °C
1.9
mV/V
Line Regulation
∆VLINE
Vcc=10 V to Clamp
2.5
mV/V
Noise
VNOISE
10 Hz < f < 10 kHz T
25
°C
130
mV
Short Circuit Current
ISC
10 Hz < f <10 kHz, TA =25 °C
--5
--35
mA
Oscillator
Frequency
fOSC
SiP2800/1/2/4
40
46
52
kHz
Frequency
fOSC
SiP2803/5
26
31
36
kHz
Temperature Stability
2.5
%
Amplitude
VP--P
2.25
2.40
2.55
V
Peak Voltage
VP
2.45
V
Error Amplifier
Input Voltage
VIN
COMP = 2.5 V
SiP2800/1/2/4
2.44
2.50
2.56
V
Input Voltage
VIN
COMP = 2.0 V
SiP2803/5
1.95
2.00
2.05
V
Input Bias Current
IBIAS1
--1
1
mA
Open Loop Gain
AV
60
80
dB
COMP Sink Current
ISINK
FB =2.7 V, COM P=1.1 V
0.3
3.5
mA
COMP Source Current
ISOURCE
FB =1.8 V, COMP =VREF -- 1.2 V
--0.2
--0.5
--0.8
mA
Gain Bandwidth
BW
2
MHz
PWM and Overcurrent Comparator
Maximum Duty Cycle
DMAX
SiP2800/2/3
97
99
100
Maximum Duty Cycle
DMAX
SiP2801/4/5
48
49
50
%
Minimum Duty Cycle
DMIN
COMP = 0 V
0
Gainc
AV
0< VCS <0.8 V
1.2
1.65
1.9
V/V
Max. Input Signal
VIMAX
COMP = 5 V
0.9
1.0
1.1
V
Input Bias Current 2
IBIAS2
--200
200
nA



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com