Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SIP2801 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # SIP2801
Description  Low Power Consumption Current Mode Controller
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIP2801 Datasheet(HTML) 3 Page - Vishay Siliconix

  SIP2801 Datasheet HTML 1Page - Vishay Siliconix SIP2801 Datasheet HTML 2Page - Vishay Siliconix SIP2801 Datasheet HTML 3Page - Vishay Siliconix SIP2801 Datasheet HTML 4Page - Vishay Siliconix SIP2801 Datasheet HTML 5Page - Vishay Siliconix SIP2801 Datasheet HTML 6Page - Vishay Siliconix SIP2801 Datasheet HTML 7Page - Vishay Siliconix SIP2801 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
SiP2800/01/02/03/04/05
Vishay Siliconix
New Product
Document Number: 72660
S-41623—Rev.C, 30-Aug-04
www.vishay.com
3
SPECIFICATIONS
Limits
Test Conditions Unless Specified
VCC =10 V, RT = 100 kΩ,CT = 330 pF
CREF =0.1 mF, --40 _C<TA <85 _C
Parameter
Unit
Maxa
Typb
Mina
Test Conditions Unless Specified
VCC =10 V, RT = 100 kΩ,CT = 330 pF
CREF =0.1 mF, --40 _C<TA <85 _C
Symbol
PWM and Overcurrent Comparator
COMP to CS Offset
CS = 0 V
0.45
0.90
1.35
V
CS Pin Blanking Time
50
100
150
ns
Overcurrent Comparator Fault
Threshold
1.47
1.73
Output
I=20 mA
All Parts
0.1
0.40
VOL
I = 200 mA
All Parts
0.35
0.90
VOL
I=50 mA,VCC =5 V
SiP2803/5
0.15
0.40
Output Voltage
I=20 mA,VCC =0 V
All Parts
0.70
1.20
V
p
g
I= --20 mA
All Parts
0.15
0.40
VCC -- VOH
I = --200 mA
All Parts
1.00
1.90
CC
OH
I= --50 mA,VCC =5 V
SiP2803/5
0.40
0.90
Rise Time
tr
CL= 1 nF
41
70
ns
Fall Time
tf
CL= 1 nF
44
75
ns
Undervoltage Lockout
SiP2800
6.6
7.2
7.8
Start Thresholdd
VSTART
SiP2801
8.6
9.4
10.2
Start Thresholdd
VSTART
SiP2802/4
11.5
12.5
13.5
SiP2803/5
3.7
4.1
4.5
SiP2800
6.3
6.9
7.5
Stop Thresholdd
VSTOP
SiP2801
6.8
7.4
8.0
V
Stop Thresholdd
VSTOP
SiP2802/4
7.6
8.3
9.0
V
SiP2803/5
3.2
3.6
4.0
SiP2800
0.05
0.30
0.48
Start to Stop Hysteresis
VHYS
SiP2801
1.5
2.0
2.4
Start to Stop Hysteresis
VHYS
SiP2802/4
3.0
4.2
5.1
SiP2803/5
0.2
0.5
0.8
Soft-Start
COMP Rise Time
τSS
FB = 1.8 V, Rise from 0.5 V to VREF --1 V
4
10
ms
Overall
Start-up Current
ISTART
Vcc < Start Threshold
0.1
0.2
mA
Operating Supply Current
ICC
FB =0 V, CS =0 V
0.5
1.0
mA
Vcc Internal Zener Voltaged
VZ
ICC =10 mA
12.0
13.5
15.0
Vcc Internal Zener Voltage Minus
Start Threshold Voltaged
VZ--VSTART
SiP2802/04
0.5
1.0
V
Notes
a.
The algebraic convention whereby the most negative value is a minimum and the most positive a maximum (--40_ to 85_C).
b.
Typical values are for DESIGN AID ONLY, not guaranteed nor subject to production testing and are measured at VCC = 12 V unless otherwise noted.
c.
Gain is defined by A = ∆VCOMP/∆VCS , 0V
≤ VCS ≤ 0.8 V.
d.
Start, Stop, and Zener voltages track each other.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com