Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GFMM Datasheet(PDF) 1 Page - Vishay Siliconix

Part # GFMM
Description  High Voltage Ceramic Capacitor Stacks, with Solder Tags, Class 2 Ceramic
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

GFMM Datasheet(HTML) 1 Page - Vishay Siliconix

  GFMM Datasheet HTML 1Page - Vishay Siliconix GFMM Datasheet HTML 2Page - Vishay Siliconix GFMM Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
GFMM
www.vishay.com
Vishay Draloric
Revision: 11-Sep-15
1
Document Number: 22017
For technical questions, contact: cdc@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
High Voltage Ceramic Capacitor Stacks,
with Solder Tags, Class 2 Ceramic
MATERIAL
Capacitor elements made from class 2 ceramic dielectric
with noble metal electrodes.
Connection terminals between the discs: brass, silver plated
FINISH
Insulating rims of the disc protective lacquered.
OPTIONAL TERMINALS
We offer a variety of intermediate solder tags to meet
customers requirements. Please contact us.
FEATURES
• High voltage ratings
• Multiple design up to 7 stages
• Other versions on request
APPLICATIONS
Ceramic capacitor stacks have been developed for use in
low power voltage multipliers used in high voltage DC
generators. The major applications are x-ray equipment for
medical
diagnostics
or
electrostatic
paint
spraying
equipment.
CAPACITANCE RANGE
1.3 nF to 2.2 nF
CAPACITANCE TOLERANCE
• - 10 % / + 50%
• - 10 % / + 60 %
CERAMIC DIELECTRIC
• R4000 (Y5U)
• R6000 (Y5U)
RATED VOLTAGE
• 11 kVDC per single disc
• 19 kVDC per single disc
DIELECTRIC STRENGTH TEST
• 15 kVDC per single disc, in dielectric fluid
• 25 kVDC per single disc, in dielectric fluid
DISSIPATION FACTOR
Max. 2.5 % (1 kHz)
INSULATION RESISTANCE
Min. 10 G
 (at 25 °C)
OPERATING TEMPERATURE RANGE
-25 °C to +85 °C
QUICK REFERENCE DATA
DESCRIPTION
VALUE
Ceramic Class
2
2
Ceramic Dielectric
R4000
R6000
Type
GFMM2505,
GFMM2507
GFMM2505,
GFMM2507
Voltage (VDC)
19 000
11 000
Min. Capacitance (pF)
1300
2200
Max. Capacitance (pF)
1300
2200
Mounting
Solder tags


Similar Part No. - GFMM

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
GFMM VISHAY-GFMM Datasheet
40Kb / 1P
Ceramic Capacitors Stacks
14-Aug-02
GFMM VISHAY-GFMM Datasheet
99Kb / 2P
Ceramic Capacitor Stacks
07-Feb-06
GFMM2505 VISHAY-GFMM2505 Datasheet
40Kb / 1P
Ceramic Capacitors Stacks
14-Aug-02
GFMM2505 VISHAY-GFMM2505 Datasheet
99Kb / 2P
Ceramic Capacitor Stacks
07-Feb-06
GFMM2507 VISHAY-GFMM2507 Datasheet
40Kb / 1P
Ceramic Capacitors Stacks
14-Aug-02
More results

Similar Description - GFMM

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
GDMQ VISHAY-GDMQ Datasheet
40Kb / 1P
Ceramic Capacitor Stacks
14-Aug-02
GDMQ VISHAY-GDMQ_05 Datasheet
99Kb / 2P
Ceramic Capacitor Stacks
10-Jun-05
GFMM VISHAY-GFMM_06 Datasheet
99Kb / 2P
Ceramic Capacitor Stacks
07-Feb-06
GFMQ VISHAY-GFMQ Datasheet
111Kb / 2P
Ceramic Capacitor Stacks
10-Jun-05
R.016040 VISHAY-R.016040 Datasheet
89Kb / 4P
RF Power Tubular Capacitors with Mounting Tags, Class 1 Ceramic
04-Sep-15
T.045090 VISHAY-T.045090 Datasheet
135Kb / 10P
RF Power Pot Capacitors with Mounting Tags, Class 1 Ceramic
14-Sep-15
GDMQ VISHAY-GDMQ_17 Datasheet
90Kb / 4P
High Voltage Ceramic Capacitor Stacks, With Leads, Class 2 Ceramic
23-May-17
GFMQ VISHAY-GFMQ_15 Datasheet
94Kb / 3P
High Voltage Ceramic Capacitor Stacks, with Solder Tags, Class 2 Ceramic
11-Sep-15
R016040 VISHAY-R016040 Datasheet
87Kb / 4P
RF Power Tubular Capacitors with Mounting Tags, Class 1 Ceramic
04-Sep-15
R012085 VISHAY-R012085 Datasheet
80Kb / 4P
RF Power Tubular Capacitors with Mounting Tags, Class 1 Ceramic
04-Sep-15
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com