Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SIP2803 Datasheet(PDF) 7 Page - Vishay Siliconix

Part # SIP2803
Description  Low Power Consumption Current Mode Controller
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIP2803 Datasheet(HTML) 7 Page - Vishay Siliconix

  SIP2803 Datasheet HTML 1Page - Vishay Siliconix SIP2803 Datasheet HTML 2Page - Vishay Siliconix SIP2803 Datasheet HTML 3Page - Vishay Siliconix SIP2803 Datasheet HTML 4Page - Vishay Siliconix SIP2803 Datasheet HTML 5Page - Vishay Siliconix SIP2803 Datasheet HTML 6Page - Vishay Siliconix SIP2803 Datasheet HTML 7Page - Vishay Siliconix SIP2803 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
SiP2800/01/02/03/04/05
Vishay Siliconix
New Product
Document Number: 72660
S-41623—Rev.C, 30-Aug-04
www.vishay.com
7
For the SiP2803 and SiP2805:
D FOSC = 1/{[(CT +CSTRAY)x RT x 0.93] + [(CT +CSTRAY)x
RDISCH x 2.53] + TDELAY}
Here RT is in ohms and CT is in farads, RDISCH is the value of
the resistor through which CT is discharged (normally an
on-chip 130-
Ω resistor, unless the circuit is configured with
additional external discharge-path resistance), and tDELAY is
an inherent internal comparator delay time of 100 ns. The
capacitance associated with the RC pin is approximately
7.5 pF, and should be included as a part of CSTRAY.
Note that the SiP2801, SiP2804, and SiP2805 have an internal
toggle flip-flop at the output of the oscillator, to ensure that the
output duty cycle never exceeds 50%.
This divides the
frequency appearing at the OUT pin to one-half of the oscillator
frequency for these three parts.
Values of RT below 10 k are not recommended. Low values of
RT cause high circuit operating currents, and very low values
will prevent the oscillator from properly discharging CT.
REF
The reference generator block of the Si280X provides an
accurate and stable 4.0 V or 5.0 V (depending upon part
number), which is available at this pin of the IC. This voltage
is also used internally for other functions on the IC. One of
these uses is as the logic power supply for high speed
switching logic on the IC; this, and stability concerns, make it
important to bypass VREF to GND with a good quality 0.1-mF
ceramic capacitor, as close to the part as possible.
An
electrolytic or tantalum capacitor may be used in addition to the
ceramic capacitor. When 1 V < VCC < the UVLO threshold,
REF is pulled to ground through a 5-k
Ω resistor. Hence, REF
can also be used as an output to indicate the part’s VCC status.
VCC
VCC is the positive power connection for the SiP280X
controller IC, and should be the most positive terminal on the
part. In normal operation, VCC is powered through a current
limiting resistor. The required start-up supply current will
generally be on the order of 100
mAwith VCC below the UVLO
voltage of the SiP280X, and can remain at or below 500-
mA
total supply current once the part starts switching. To prevent
the IC from being damaged by overvoltage conditions, each of
the SiP2800 family of parts has an internal clamp (effectively
a 12.5-V Zener diode) between VCC and GND. If the part’s VCC
pin is current-fed through an appropriate dropping resistor, the
VCC pin will never exceed its rated voltage, nor will the the
device as a whole exceed its rated power dissipation. This
does require knowing what the operating current of the IC will
be, so that the value of the dropping resistor can be calculated.
A good estimate of the actual operating current (ICC) may be
made by summing three components:
(a) Any external current loading on the VCC or REF pins
(b) The operating current required by the IC itself, and
(c) The drive current (IDRIVE) required by the external
power switch.
Item (a) in the above list is a static dc value, and can generally
be calculated with good accuracy. Item (b) will increase with
operating frequency, but will be fixed for a given value of FOSC.
Item (c) is usually the dominant term in the calculation of ICC,
as the power required to drive the external power switch will
typically increase as FOUT is increased. The most common
example of this is seen in driving the gate of a power MOSFET.
In such applications, the gate capacitances must be charged
once each switching cycle. This calculation is simplified by
using the gate charge term given by most MOSFET
manufacturers, allowing the use of the formula:
IDRIVE =FOUT × Qg of the chosen MOSFET.
A first approximation of the necessary dropping resistor value
is then given by:
R = [(Nominal VSUPPLY) – 12 V]/(Nominal ICC)
Here R is in ohms and ICC is in amperes.
The resistor limiting the current into the VCC pin should be
selected such that ICC(min) equals the worst-case maximum
sum of the above currents, while holding ICC(max) to as low a
value above that number as practicable (for best overall
efficiency), and never more than 25 mA above that number (to
avoid exceeding the IC’s internal clamp diode ratings). VCC
must be bypassed to GND with a good quality 0.1-
mF ceramic
capacitor, as close to the part as possible. This will help avoid
problems created by high-frequency noise on the power
supply of the part. An electrolytic or tantalum capacitor may be
placed in parallel with the ceramic capacitor if more
capacitance is needed or desired.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com