Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM3590 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM3590
Description  LM3590Series White LED Driver
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM3590 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  LM3590 Datasheet HTML 1Page - National Semiconductor (TI) LM3590 Datasheet HTML 2Page - National Semiconductor (TI) LM3590 Datasheet HTML 3Page - National Semiconductor (TI) LM3590 Datasheet HTML 4Page - National Semiconductor (TI) LM3590 Datasheet HTML 5Page - National Semiconductor (TI) LM3590 Datasheet HTML 6Page - National Semiconductor (TI) LM3590 Datasheet HTML 7Page - National Semiconductor (TI) LM3590 Datasheet HTML 8Page - National Semiconductor (TI) LM3590 Datasheet HTML 9Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Connection Diagram
20081302
Ordering Information
Order Number
Package Description
Package Marking
Supplied As
Tape and Reel
LM3590MF
SOT23-5
SABB*¢Z¢1¢X
250 Units, Tape
and Reel
LM3590MFX
SOT23-5
SABB*¢Z¢1¢X
3000 Units, Tape
and Reel
Pin Description
Pin #
Name
Function
1I
SET
Programmable LED current Input. The LED current has the following relationship with the
resistor used:
R
SET = 100 x (125 ÷ IOUT)
2
GND
Ground Connection
3I
OUT
Constant Current LED Output
4V
IN
Power Supply Voltage Input. Input voltage range: 6V-12.6V
5
EN
Device Enable
www.national.com
2



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com