Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HPC Datasheet(PDF) 2 Page - Vishay Siliconix

Part # HPC
Description  High Voltage Disc Capacitors, 20 kVDC Screw Mounting, Class 2 Ceramic
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

HPC Datasheet(HTML) 2 Page - Vishay Siliconix

  HPC Datasheet HTML 1Page - Vishay Siliconix HPC Datasheet HTML 2Page - Vishay Siliconix HPC Datasheet HTML 3Page - Vishay Siliconix HPC Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
HPC, HPD
www.vishay.com
Vishay Draloric
Revision: 11-Sep-15
2
Document Number: 22167
For technical questions, contact: powcap@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Notes
(1) The type HPD must be operated in a high insulation environment, e.g. oil or inert gas.
When operate this type in free air the rated voltage must be reduced to 7.0 kVDC.
(2) To an max. ambient temperature +60 °C
SAP PART NUMBER, ELECTRICAL AND DIMENSIONAL DATA
PART NUMBER
CERAMIC
CAPACITANCE
VALUES
(pF)
RATED
VOLTAGE (1)
(kVDC)
RATED
VOLTAGE (1)
(kVAC)
RATED
RF-CURRENT (2)
(ARMS)
D1
mm
(inch)
D2 max.
mm
(inch)
TYPE HPC
HPC050WP35138AX1
R2000H (Z5U)
350
20
(15 kVRMS
up to 120 Hz)
6.0 max.
50 (1.97)
HPC050WP50138AX1
500
HPC050WP75138AX1
750
HPC050WP10238AX1
1000
HPC060WP15238AX1
1500
60 (2.36)
HPC060WP20238AX1
2000
HPC070WP30238AX1
3000
70 (2.76)
HPC090WP50238AX1
5000
90 (3.45)
TYPE HPD
HPD021WP35138AX1
R2000H (Z5U)
350
20
(15 kVRMS
up to 120 Hz)
6.0 max.
21 (0.83)
HPD025WP50138AX1
500
25 (0.98)
HPD030WP75138AX1
750
30 (1.18)
HPD035WP10238AX1
1000
35 (1.38)
HPD043WP15238AX1
1500
43 (1.69)
HPD050WP20238AX1
2000
50 (1.97)
HPD059WP30238AX1
3000
59 (2.32)
HPD075WP50238AX1
5000
75 (2.95)
DIMENSIONS in millimeters (inches)
D1 ± 1.5
(± 0.06)
SW 10
(0.39 HEX.)
M6 Thread
7.0 (0.28) depth
both ends
HPD
HPC
SW 10
(0.39 HEX.)
M6 Thread
7.0 (0.28) depth
both ends
D2 max.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com