Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IXFN34N80 Datasheet(PDF) 1 Page - IXYS Corporation

Part # IXFN34N80
Description  HiPerFETTM Power MOSFETs Single DieMOSFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXFN34N80 Datasheet(HTML) 1 Page - IXYS Corporation

  IXFN34N80 Datasheet HTML 1Page - IXYS Corporation IXFN34N80 Datasheet HTML 2Page - IXYS Corporation IXFN34N80 Datasheet HTML 3Page - IXYS Corporation IXFN34N80 Datasheet HTML 4Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1 - 4
© 2000 IXYS All rights reserved
D
S
S
G
S
D
miniBLOC, SOT-227 B
E153432
G = Gate
D = Drain
S = Source
Either Source terminal of miniBLOC can be used
as Main or Kelvin Source
Features
· Internationalstandardpackages
· miniBLOC,withAluminiumnitride
isolation
· Low R
DS (on) HDMOS
TM process
· Rugged polysilicon gate cell structure
· Unclamped Inductive Switching (UIS)
rated
· Low package inductance
· Fast intrinsic Rectifier
Applications
· DC-DC converters
· Battery chargers
· Switched-modeandresonant-mode
power supplies
· DC choppers
· Temperatureandlightingcontrols
Advantages
· Easy to mount
· Space savings
· High power density
Symbol
Test Conditions
Characteristic Values
(T
J = 25°C, unless otherwise specified)
min.
typ.
max.
V
DSS
V
GS
= 0 V, I
D = 3 mA
800
V
V
DSS temperature coefficient
0.096
%/K
V
GS(th)
V
DS
= V
GS, ID = 8 mA
3.0
5.0
V
V
GS(th) temperature coefficient
-0.214
%/K
I
GSS
V
GS = ±20 VDC, VDS = 0
±200
nA
I
DSS
V
DS
= V
DSS
T
J =
25
°C
100
mA
V
GS = 0 V
T
J = 125°C2
mA
R
DS(on)
V
GS = 10 V, ID = 0.5 • ID25
Pulse test, t
£ 300 ms,
0.24
W
duty cycle d
£ 2 %
Symbol
Test Conditions
Maximum Ratings
V
DSS
T
J
= 25
°C to 150°C
800
V
V
DGR
T
J
= 25
°C to 150°C; R
GS = 1 MW
800
V
V
GS
Continuous
±20
V
V
GSM
Transient
±30
V
I
D25
T
C
= 25
°C34
A
I
DM
T
C
= 25
°C, pulse width limited by T
JM
136
A
I
AR
34
A
E
AR
T
C = 25°C64
mJ
E
AS
T
C = 25°C3
J
dv/dt
I
S
£ I
DM, di/dt £ 100 A/ms, VDD £ VDSS,
5
V/ns
T
J
£ 150°C, R
G = 2 W
P
D
T
C
= 25
°C
600
W
T
J
-55 ... +150
°C
T
JM
150
°C
T
stg
-55 ... +150
°C
T
L
1.6 mm (0.063 in) from case for 10 s
300
°C
V
ISOL
50/60 Hz, RMS
t = 1 min
2500
V~
I
ISOL£ 1 mA
t = 1 s
3000
V~
M
d
Mounting torque
1.5/13 Nm/lb.in.
Terminal connection torque
1.5/13 Nm/lb.in.
Weight
30
g
HiPerFETTM Power MOSFETs
Single DieMOSFET
N-Channel Enhancement Mode
Avalanche Rated, High dv/dt, Low t
rr
98529D (6/99)
Preliminary data sheet
IXFN 34N80
V
DSS
= 800 V
I
D25
= 34 A
R
DS(on) = 0.24 W
t
rr £ 250 ns
IXYS reserves the right to change limits, test conditions, and dimensions.


Similar Part No. - IXFN34N80

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXFN34N100 IXYS-IXFN34N100 Datasheet
101Kb / 2P
HiPerFET Power MOSFETs Single Die MOSFET
More results

Similar Description - IXFN34N80

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXFH90N20Q IXYS-IXFH90N20Q Datasheet
100Kb / 2P
HiPerFETTM Power MOSFETs Q-CLASS
IXFR44N60 IXYS-IXFR44N60 Datasheet
34Kb / 2P
HiPerFETTM Power MOSFETs ISOPLUS247
IXFR120N20 IXYS-IXFR120N20 Datasheet
34Kb / 2P
HiPerFETTM Power MOSFETs ISOPLUS247
IXFH80N085 IXYS-IXFH80N085 Datasheet
54Kb / 2P
HiPerFETTM Power MOSFETs
IXFK27N80 IXYS-IXFK27N80 Datasheet
162Kb / 4P
HiPerFETTM Power MOSFETs
IXFR180N06 IXYS-IXFR180N06 Datasheet
82Kb / 2P
HiPerFETTM Power MOSFETs
IXFN-25N90 IXYS-IXFN-25N90 Datasheet
144Kb / 4P
HiPerFETTM Power MOSFETs Single Die MOSFET
IXFN44N80 IXYS-IXFN44N80 Datasheet
120Kb / 2P
HiPerFETTM Power MOSFETs Single MOSFET Die
IXFH70N15 IXYS-IXFH70N15 Datasheet
55Kb / 2P
HiPerFETTM Power MOSFETs
IXFK24N100 IXYS-IXFK24N100_07 Datasheet
137Kb / 4P
HiPerFETTM Power MOSFETs
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com