Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IXFN280N07 Datasheet(PDF) 2 Page - IXYS Corporation

Part # IXFN280N07
Description  HiPerFET Power MOSFETs Single Die MOSFET
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXFN280N07 Datasheet(HTML) 2 Page - IXYS Corporation

  IXFN280N07 Datasheet HTML 1Page - IXYS Corporation IXFN280N07 Datasheet HTML 2Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
IXYS reserves the right to change limits, test conditions, and dimensions.
IXYS MOSFETS and IGBTs are covered by one or more of the following U.S. patents:
4,835,592
4,881,106
5,017,508
5,049,961
5,187,117
5,486,715
6,306,728B1
4,850,072
4,931,844
5,034,796
5,063,307
5,237,481
5,381,025
IXFN 280N07
Symbol
Test Conditions
Characteristic Values
(T
J = 25°C, unless otherwise specified)
min.
typ.
max.
g
fs
V
DS
= 15 V; 60A, pulse test
60
90
S
C
iss
9400
pF
C
oss
V
GS
= 0 V, V
DS = 25 V, f = 1 MHz
4600
pF
C
rss
2550
pF
t
d(on)
65
n s
t
r
V
GS
= 10 V, V
DS = 0.5 • VDSS, ID = 90A
90
n s
t
d(off)
R
G
= 1
Ω (External),
140
n s
t
f
55
n s
Q
g(on)
420
nC
Q
gs
V
GS
= 10 V, V
DS, ID = 100A
65
nC
Q
gd
220
nC
R
thJC
0.22
K/W
R
thCK
0.05
K/W
Source-Drain Diode
Characteristic Values
(T
J = 25°C, unless otherwise specified)
Symbol
Test Conditions
min.
typ.
max.
I
S
V
GS
= 0 V
280
A
I
SM
Repetitive;
1120
A
pulse width limited by T
JM
V
SD
I
F = 100A, VGS = 0 V,
1.3
V
Pulse test, t
≤ 300 µs, duty cycle d ≤ 2 %
t
rr
I
F = 50A, -di/dt = 100 A/µsTJ =25°C
200
n s
Q
RM
V
R = 50V
1.2
µC
I
RM
10
A
miniBLOC, SOT-227 B
M4 screws (4x) supplied
Dim.
Millimeter
Inches
Min.
Max.
Min.
Max.
A
31.50
31.88
1.240
1.255
B
7.80
8.20
0.307
0.323
C
4.09
4.29
0.161
0.169
D
4.09
4.29
0.161
0.169
E
4.09
4.29
0.161
0.169
F
14.91
15.11
0.587
0.595
G
30.12
30.30
1.186
1.193
H
38.00
38.23
1.496
1.505
J
11.68
12.22
0.460
0.481
K
8.92
9.60
0.351
0.378
L
0.76
0.84
0.030
0.033
M
12.60
12.85
0.496
0.506
N
25.15
25.42
0.990
1.001
O
1.98
2.13
0.078
0.084
P
4.95
5.97
0.195
0.235
Q
26.54
26.90
1.045
1.059
R
3.94
4.42
0.155
0.174
S
4.72
4.85
0.186
0.191
T
24.59
25.07
0.968
0.987
U-0.05
0.1
-0.002
0.004



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com