Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1432 Datasheet(PDF) 1 Page - API Technologies Corp

Part # 1432
Description  High Power, N or SMK Connectors
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APITECH [API Technologies Corp]
Direct Link  http://www.apitech.com/
Logo APITECH - API Technologies Corp

1432 Datasheet(HTML) 1 Page - API Technologies Corp

  1432 Datasheet HTML 1Page - API Technologies Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
121
5305 Spectrum Drive, Frederick, MD 21703-7362
s TEL: 301-846-9222, 800-638-2048 s Fax: 301-846-9116
web: www.weinschel
.apitech.com s email: weinschel-sales@apitech.com
Revision Date:
08/03/2016
Terminations & Loads
Model 1432
dc to 10 GHz
High Power, N or SMK Connectors
150 Watts
Convection / Conduction Cooled
Features
o Flexible Mounting Position - The units may be
mounted in horizontal (fins up) or vertical position.
o Rugged Construction - Quality connector with special
high temperature support bead.
Specifications
NOMINAL IMPEDANCE: 50
Ω
FREQUENCY RANGE:
dc to 10 GHz
NOTE: All dimensions are given in mm (inches) and
are maximum, unless otherwise specified.
MAXIMUM SWR:
Frequency (GHz)
SWR
dc - 4
1.20
4 - 10
1.30
POWER RATING: 150 watts average (mounted horizon-
tally or vertically assuming unobstructed air flow and
natural convection around unit) to 25°C ambient temper-
ature, derated linearly to 15 watts @ 125°C. 5 kilowatts
peak (5
μsec pulse width; 1.5% duty cycle).
TEMPERATURE RANGE: -55°C to +125°C
TEST DATA: Swept data plots of SWR from 50 MHz to
10 GHz is available at additional cost.
CONNECTOR: Type N connector per MIL-STD-348 inter-
face dimensions - mate nondestructively with MIL-C-39012
connector. Choice of male (-4) or female (-3) connector.
SMK (2.92mm) connector mates nondestructively with SMA
per MIL-C-39012, 3.5mm and other 2.92mm (SMK) connec-
tor. Choice of male (-2) or female connector (-1).
CONSTRUCTION: Black, finned aluminum body, stainless
steel connector; gold plated beryllium copper female
contacts and stainless steel male contacts.
WEIGHT: 1,450 g (3 lbs., 3 oz.)
MODEL NUMBER DESCRIPTION:
Example:
1432 - X - LIM
PHYSICAL DIMENSIONS:
Basic
Model
Number
Connector
Option
IM Option*
* Add -LIM to entire model number for Low Intermodulation option.
RoHS
Model #
DIM A
Connector Type
1432-1
12.7 (0.50)
2.92mm female
1432-2
14.0 (0.55)
2.92mm male
1432-3
15.0 (0.59)
N female
1432-4
22.9 (0.90)
N male
INTERMODULATION (Model 1432-X-LIM Only):
IM3
(Reflected) = -100 dBc with two input signals @ 869 MHz
and 891 MHz with an average power of +43 dBm each.


Similar Part No. - 1432

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
1432 POMONA-1432 Datasheet
22Kb / 1P
Banana Jack To Pin Tip Plug
logo
Multicomp Pro
1432 MULTICOMP-1432 Datasheet
225Kb / 2P
Split Loom Flame Retardant Polyethylene, Grey
25/05/20 V1.0
logo
Pomona Electronics
1432-0 POMONA-1432-0 Datasheet
22Kb / 1P
Banana Jack To Pin Tip Plug
logo
3M Electronics
1432-0 3M-1432-0 Datasheet
22Kb / 1P
Banana Jack To Pin Tip Plug
09-Jun-1999
logo
List of Unclassifed Man...
1432-1 ETC2-1432-1 Datasheet
493Kb / 1P
Space saving design for high density packaging
More results

Similar Description - 1432

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
223 ETC2-223 Datasheet
133Kb / 1P
SMK MALE TO SMK MALE STRAIGHT ADAPTER
logo
API Technologies Corp
1427 APITECH-1427 Datasheet
464Kb / 1P
Medium Power, N or SMK Connectors
1441 APITECH-1441 Datasheet
536Kb / 1P
Medium Power, N or SMK Connectors
1470 APITECH-1470 Datasheet
511Kb / 1P
High Power, N or SMK Connectors
1471 APITECH-1471 Datasheet
513Kb / 1P
High Power, N or SMK Connectors
1473 APITECH-1473 Datasheet
522Kb / 1P
High Power, N or SMK Connectors
1474 APITECH-1474 Datasheet
494Kb / 1P
SMK Connectors
1476 APITECH-1476 Datasheet
438Kb / 1P
Medium Power, N or SMK Connectors
1477 APITECH-1477 Datasheet
504Kb / 1P
SMK Connectors
1478 APITECH-1478 Datasheet
502Kb / 1P
SMK Connectors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com