Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FESD5VC2M1L Datasheet(PDF) 1 Page - FutureWafer Tech Co.,Ltd

Part # FESD5VC2M1L
Description  Low Clamping Chip Bi-directional TVS diode
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUTUREWAFER [FutureWafer Tech Co.,Ltd]
Direct Link  http://futurewafer.com.tw/
Logo FUTUREWAFER - FutureWafer Tech Co.,Ltd

FESD5VC2M1L Datasheet(HTML) 1 Page - FutureWafer Tech Co.,Ltd

  FESD5VC2M1L Datasheet HTML 1Page - FutureWafer Tech Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Mechanical Data
Notes
Dice size
AX:450um,AY:330um,BX:85um,BY:85um
Wafer size
4”(Gross Die:82,000pcs/good die>76,260pcs)
Chip Thickness
138um±12um
Scribe line width
60um
Top metal
Al-for wire bonding
Back side metal
Ti-Ni-Ag for soldering
Parameter
Symbol
Conditions
Value
Unit
Reverse stand-off voltage
VRWM
5
V
Peak pulse power
PPP
Tp=8/20us
150
W
Peak pulse current
IPP
Tp=8/20us
4
A
Electrostatic discharge
VESD
IEC61000-4-2
Level 4
± 8(Contact)
KV
Max.junction temp.
Tj
+150
℃
Parameter
Symbol
Condition
Min.
Typ.
Max.
Unit
Breakdown Voltage
VBR
IT=1mA
6.4
9.0
V
Reverse leakage current
IR
VR=5V
0.9
uA
Clamping voltage
VC
IPP=1A
IPP=4A
15.0
25.0
V
Diode capacitancd
pin1 to 2
Cj
VR=0V
f=1MHZ
0.35
0.4
pf
Characteristics TA=25℃
Low Clamping Chip Bi-directional TVS diode
FESD5VC2M1L
New Design for CSP
Notes:
(1)sampling testing:no bad dice inking/guaranteed good die >93%
(2)Testing follow customer
(3)Tj=Ta+Rth(j-a)*(pf+pr),where Rth(j-a)-thermal resistance,Pf-forward power dissipation,
Pr-revers power dissipation
(4)**For device testing
EW1608E5-FW-A
Futurewafer Technology Co.,Ltd www.futurewafer.com.tw+886-3-3573583


Similar Part No. - FESD5VC2M1L

ManufacturerPart #DatasheetDescription
logo
First Silicon Co., Ltd
FESD5V0B03-0201 FS-FESD5V0B03-0201 Datasheet
1Mb / 4P
Ultra small package
2021. 11. 01 Revision No : 0
logo
FutureWafer Tech Co.,Lt...
FESD5VB FUTUREWAFER-FESD5VB Datasheet
826Kb / 3P
High Current ESD Protection
FESD5VM FUTUREWAFER-FESD5VM Datasheet
918Kb / 3P
High Current ESD Protection
More results

Similar Description - FESD5VC2M1L

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
ESD8V0R1B-02LSE6327 INFINEON-ESD8V0R1B-02LSE6327 Datasheet
614Kb / 7P
Bi-directional Low Capacitance TVS Diode
2009-12-18
ESD204-B1-02ELS INFINEON-ESD204-B1-02ELS Datasheet
1Mb / 12P
Bi-directional Low Capacitance TVS Diode
Revision 1.2, 2013-05-17
ESD8V0R1B-02LRH INFINEON-ESD8V0R1B-02LRH Datasheet
614Kb / 7P
Bi-directional Low Capacitance TVS Diode
2009-12-18
logo
FutureWafer Tech Co.,Lt...
FB-3V3S33 FUTUREWAFER-FB-3V3S33 Datasheet
538Kb / 1P
Chip Bi - directional TVS diode
FB-3V3S41 FUTUREWAFER-FB-3V3S41 Datasheet
519Kb / 1P
Chip Bi-directional TVS diode
FB-5VS32 FUTUREWAFER-FB-5VS32 Datasheet
517Kb / 1P
Chip Bi-directional TVS diode
logo
TECH PUBLIC Electronics...
ESD5V0B05-923 TECHPUBLIC-ESD5V0B05-923 Datasheet
913Kb / 4P
Low Capacitance Bi-directional TVS Diode
ESD13VB7-1006 TECHPUBLIC-ESD13VB7-1006 Datasheet
1Mb / 4P
Bi -directional TVS Diode
TPESD1521P TECHPUBLIC-TPESD1521P Datasheet
1Mb / 4P
Bi -directional TVS Diode
AZ5423-01F TECHPUBLIC-AZ5423-01F Datasheet
1Mb / 4P
Low Capacitance Bi-directional TVS Diode
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com