Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

K02C Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # K02C
Description  METAL CAN, TO-3 2 LEAD LOW PROFILE
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

K02C Datasheet(HTML) 1 Page - National Semiconductor (TI)

  K02C Datasheet HTML 1Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image


Similar Part No. - K02C

ManufacturerPart #DatasheetDescription
logo
Arduino
K020007 ARDUINO-K020007 Datasheet
281Kb / 3P
ARDUINO STARTER KIT MULTI - LANGUAGE
1-16-18
K020007 ARDUINO-K020007 Datasheet
297Kb / 3P
ARDUINO/GENUINO STARTER KIT MULTI LANGUAGE
logo
List of Unclassifed Man...
K0221-K60 ETC2-K0221-K60 Datasheet
323Kb / 17P
Multilayer Chip Capacitors
K0222-K60 ETC2-K0222-K60 Datasheet
323Kb / 17P
Multilayer Chip Capacitors
K0223-K01 ETC2-K0223-K01 Datasheet
323Kb / 17P
Multilayer Chip Capacitors
More results

Similar Description - K02C

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
MKT-H04D NSC-MKT-H04D Datasheet
31Kb / 1P
4 LEAD.100 DIA P.C.SHIELDED METAL CAN PACKAGE (H)
H03H NSC-H03H Datasheet
59Kb / 1P
3 Lead (0.100횞 Diameter P.C.) TO-46 Metal Can Package
H10G NSC-H10G Datasheet
58Kb / 1P
10 Lead (0.230 Diameter P.C.) TO-5 Metal Can Package
logo
ILSI America LLC
39-BB0F18-20.000 ILSI-39-BB0F18-20.000 Datasheet
49Kb / 2P
2 Lead Metal Package Quartz Crystal, 3 mm x 10 mm
IXF ILSI-IXF Datasheet
43Kb / 1P
Crystal Filter 3 Lead Metal Package
logo
Continental Device Indi...
TO-39 CDIL-TO-39 Datasheet
213Kb / 3P
Hermetically Sealed Metal Can Package TO-39
logo
Suntsu Electronics, Inc...
SXTHM2 SUNTSU-SXTHM2 Datasheet
460Kb / 2P
Metal Can SMT 2 Pad Crystal
SXTHS2 SUNTSU-SXTHS2 Datasheet
187Kb / 2P
Metal Can DIP 2 Lead Crystal
SXTHU2 SUNTSU-SXTHU2 Datasheet
185Kb / 2P
Metal Can DIP 2 Lead Crystal
SXTUM2 SUNTSU-SXTUM2 Datasheet
165Kb / 2P
Metal Can DIP 2 Lead Crystal
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com