Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KDZ2.4V Datasheet(PDF) 2 Page - KEC(Korea Electronics)

Part # KDZ2.4V
Description  ZENER DIODE SILICON EPITAXIAL PLANAR DIODE
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KDZ2.4V Datasheet(HTML) 2 Page - KEC(Korea Electronics)

  KDZ2.4V Datasheet HTML 1Page - KEC(Korea Electronics) KDZ2.4V Datasheet HTML 2Page - KEC(Korea Electronics) KDZ2.4V Datasheet HTML 3Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2001. 6. 11
2/3
KDZ2.0V~24V
Revision No : 6
TYPE No.
Zener Voltage Vz (V)
Dynamic Impedance
Zz ( )
KNEE Dynamic
Impedance Zzk ( )
Reverse Current
IR ( A)
Min.
Max.
Iz
(mA)
MAX.
Iz
(mA)
MAX.
Iz
(mA)
MAX.
VR(V)
KDZ2.0V
1.85
2.15
5
100
5
1000
0.5
120
1.0
KDZ2.2V
2.05
2.38
5
100
5
1000
0.5
120
1.0
KDZ2.4V
2.28
2.60
5
100
5
1000
0.5
120
1.0
KDZ2.7V
2.50
2.90
5
110
5
1000
0.5
120
1.0
KDZ3.0V
2.80
3.20
5
120
5
1000
0.5
50
1.0
KDZ3.3V
3.10
3.50
5
130
5
1000
0.5
20
1.0
KDZ3.6V
3.40
3.80
5
130
5
1000
0.5
10
1.0
KDZ3.9V
3.70
4.10
5
130
5
1000
0.5
10
1.0
KDZ4.3V
4.00
4.50
5
130
5
1000
0.5
5
1.0
KDZ4.7V
4.40
4.90
5
120
5
1000
0.5
5
1.0
KDZ5.1V
4.80
5.40
5
70
5
1000
0.5
1
1.5
KDZ5.6V
5.30
6.00
5
40
5
900
0.5
1
2.5
KDZ6.2V
5.80
6.60
5
30
5
500
0.5
1
3.0
KDZ6.8V
6.40
7.20
5
25
5
150
0.5
0.5
5.0
KDZ7.5V
7.00
7.90
5
23
5
120
0.5
0.5
6.0
KDZ8.2V
7.70
8.70
5
20
5
120
0.5
0.5
6.5
KDZ9.1V
8.50
9.60
5
18
5
120
0.5
0.5
7.0
KDZ10V
9.40
10.60
5
15
5
120
0.5
0.5
8.0
KDZ11V
10.40
11.60
5
15
5
120
0.5
0.5
8.5
KDZ12V
11.40
12.60
5
15
5
110
0.5
0.5
9.0
KDZ13V
12.40
14.10
5
15
5
110
0.5
0.5
10
KDZ15V
13.80
15.60
5
15
5
110
0.5
0.5
11
KDZ16V
15.30
17.10
5
18
5
150
0.5
0.5
12
KDZ18V
16.80
19.10
5
20
5
150
0.5
0.5
14
KDZ20V
18.80
21.20
5
25
5
200
0.5
0.5
15
KDZ22V
20.80
23.30
5
30
5
200
0.5
0.5
17
KDZ24V
22.80
25.60
5
40
5
200
0.5
0.5
19
ELECTRICAL CHARACTERISTICS (Ta=25 )



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com