Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L34F3C Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # L34F3C
Description  T-1 INFRA-RED EMITTING DIODES
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

L34F3C Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  L34F3C Datasheet HTML 1Page - List of Unclassifed Manufacturers L34F3C Datasheet HTML 2Page - List of Unclassifed Manufacturers L34F3C Datasheet HTML 3Page - List of Unclassifed Manufacturers L34F3C Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SPEC NO:CDA0542
REV NO: V.1
DATE: OCT/29/2001
PAGE: 2 OF 4
APPROVED: J.LU
CHECKED:
DRAWN:X.Q.ZHENG
Electrical / Optical Characteristics at T)=25°°°°°C
Absolute Maximum Ratings at T)=25°°°°°C
Notes:
1. 1/10 Duty Cycle, 0.1ms Pulse Width.
2. 4mm below package base.
Selection Guide
Note:
1. θ1/2 is the angle from optical centerline where the luminous intensity is 1/2 the optical centerline value.
m
e
tIm
e
tI m
e
tI m
e
tIm
e
tIN
/
PN
/
P N
/
P N
/
PN
/
Pl
o
b
m
y
Sl
o
b
m
y
S
l
o
b
m
y
S
l
o
b
m
y
Sl
o
b
m
y
S.
p
y
T.
p
y
T .
p
y
T .
p
y
T.
p
y
T.
x
a
M.
x
a
M .
x
a
M .
x
a
M.
x
a
Mti
n
Uti
n
U ti
n
U ti
n
Uti
n
Un
o
it
i
d
n
o
Cn
o
it
i
d
n
o
C
n
o
it
i
d
n
o
C
n
o
it
i
d
n
o
Cn
o
it
i
d
n
o
C
e
g
a
tl
o
V
d
r
a
w
r
o
F
3
F
4
F
S
VF
2
.
1
3
.
1
5
.
1
7
.
1
VA
m
0
2
=
F
I
t
n
e
rr
u
C
e
s
r
e
v
e
R
3
F
4
F
S
IR
-
0
1
0
1
A
uV
5
=
R
V
e
c
n
a
ti
c
a
p
a
C
n
o
it
c
n
u
J
3
F
4
F
S
C
0
9
0
9
-F
pz
H
M
1
=
f
0
=
V
h
t
g
n
e
l
e
v
a
W
l
a
rt
c
e
p
S
k
a
e
P
3
F
4
F
S
λ P
0
4
9
0
8
8
-m
nA
m
0
2
=
F
I
h
t
d
i
w
d
n
a
B
l
a
rt
c
e
p
S
3
F
4
F
S
λ
∆
0
5
0
5
-m
nA
m
0
2
=
F
I
m
e
tIm
e
tI m
e
tI m
e
tIm
e
tIl
o
b
m
y
Sl
o
b
m
y
S
l
o
b
m
y
S
l
o
b
m
y
Sl
o
b
m
y
S4
F
S
&
3
F4
F
S
&
3
F
4
F
S
&
3
F
4
F
S
&
3
F4
F
S
&
3
Fs
ti
n
Us
ti
n
U s
ti
n
U s
ti
n
Us
ti
n
U
n
o
it
a
p
i
s
s
i
D
r
e
w
o
PT
P0
0
1W
m
t
n
e
r
r
u
C
d
r
a
w
r
o
FIF
0
5A
m
t
n
e
r
r
u
C
d
r
a
w
r
o
F
k
a
e
PIP
2
.
1A
e
g
a
tl
o
V
e
s
r
e
v
e
RVR
5V
e
r
u
t
a
r
e
p
m
e
T
g
n
it
a
r
e
p
OTA
5
8
+
~
0
4
-
°C
e
r
u
t
a
r
e
p
m
e
T
e
g
a
r
o
t
Sg
t
s
T5
8
+
~
0
4
-
°C
.
o
N
t
r
a
P.
o
N
t
r
a
P
.
o
N
t
r
a
P
.
o
N
t
r
a
P.
o
N
t
r
a
Pe
c
i
De
c
i
D e
c
i
D e
c
i
De
c
i
De
p
y
T
s
n
e
Le
p
y
T
s
n
e
L
e
p
y
T
s
n
e
L
e
p
y
T
s
n
e
Le
p
y
T
s
n
e
L
)
r
s
/
W
m
(
o
P)
r
s
/
W
m
(
o
P
)
r
s
/
W
m
(
o
P
)
r
s
/
W
m
(
o
P)
r
s
/
W
m
(
o
P
A
m
0
2
@
)
r
s
/
W
m
(
o
P)
r
s
/
W
m
(
o
P
)
r
s
/
W
m
(
o
P
)
r
s
/
W
m
(
o
P)
r
s
/
W
m
(
o
P
A
m
0
5
@
g
n
i
w
e
i
Vg
n
i
w
e
i
V
g
n
i
w
e
i
V
g
n
i
w
e
i
Vg
n
i
w
e
i
V
e
l
g
n
A
.
n
i
M.
n
i
M .
n
i
M .
n
i
M.
n
i
M.
p
y
T.
p
y
T .
p
y
T .
p
y
T.
p
y
T.
n
i
M.
n
i
M .
n
i
M .
n
i
M.
n
i
M.
p
y
T.
p
y
T .
p
y
T .
p
y
T.
p
y
T
2
/
1
θ
22
/
1
θ
2 2
/
1
θ
2 2
/
1
θ
22
/
1
θ
2
C
3
F
4
3
Ls
A
a
GR
A
E
L
C
R
E
T
A
W2
0
150
20
5 °
T
B
3
F
4
3
Ls
A
a
GT
N
E
R
A
P
S
N
A
R
T
E
U
L
B
258
0
20
5 °
C
4
F
S
4
3
Ls
A
l
A
a
GR
A
E
L
C
R
E
T
A
W2
0
150
20
5 °
T
B
4
F
S
4
3
Ls
A
l
A
a
GT
N
E
R
A
P
S
N
A
R
T
E
U
L
B2
4
8
0
20
5 °



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com