Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OV480 Datasheet(PDF) 2 Page - OmniVision Technologies, Inc.

Part # OV480
Description  user-defined hot-pixel location correction
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMNIVISION [OmniVision Technologies, Inc.]
Direct Link  http://www.ovt.com
Logo OMNIVISION - OmniVision Technologies, Inc.

OV480 Datasheet(HTML) 2 Page - OmniVision Technologies, Inc.

  OV480 Datasheet HTML 1Page - OmniVision Technologies, Inc. OV480 Datasheet HTML 2Page - OmniVision Technologies, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
¬
¬
Smart Camera
Rear View Camera
for Ultra Wide Field of View
¬
¬
¬
Rear View Camera
with Trailer Ball Zoom
Surround View
Cross Traffic Camera
Applications
¬
¬
¬
¬
¬
¬
¬
¬
¬
¬
¬
¬
¬
interface up to megapixel OmniVision
CMOS digital sensor (e.g., OV7955/
OV7692, OV10635)
image distortion correction
image perspective correction
image rotation correction
multi-view output
up to 4x zoom with smooth transition
crop and resize for NTSC display
fade to black transition and morphing
supports down to 15 fps sensor
frame-rate to enable better sensitivity
in low-light scenarios
supports video de-noise filtering
supports 1x1 pixel OSD, up to 4 layers,
4 transparency levels, 8 colors per pixel,
2^16 bit image index
brown-out detection circuit
and output flag
on-chip MCU with 7 dedicated GPIO
(interrupts)
user-defined hot-pixel location correction
digital input (sensor) interface support
8-bit CCIR601 YUV 4:2:2 format
digital output interface support 8-bit
CCIR656/601 YUV 4:2:2 format
SCCB master interface for automatic
sensor configuration at power-on
on chip DAC for CVBS output
supports NTSC-D1 (27 MHz) analog
video specifications
SCCB slave interface for OV480
configuration by host
supports serial interface and two-wire
serial interface to retrieve stored
configuration and OSD bitmap images
from external memory devices such
as EEPROM
on chip voltage regulator 3.3V to 1.2V
on chip PLL to generate stable internal
clock frequency
supports OSD position calibration
(auto-overlay alignment)
¬
¬
¬
¬
¬
¬
¬
¬
¬
¬
¬
Product Features
¬
OV00480-B81G-Z
(lead-free, 81-pin BGA)
Ordering Information
¬
¬
¬
¬
power supply:
- core: 1.2V ±10%
- I/O: 3.3V ±10%
ambient operating temperature range:
-40°C to +105°C
(not to exceed 125°C junction temperature)
power requirements:
250 mA maximum at room temperature
package dimensions:
6.5 mm x 6.5 mm
Product Specifications
Version 1.1, December, 2012
OmniVision reserves the right to make changes to their products or to discontinue any product or
service without further notice. OmniVision, the OmniVision logo and OmniPixel are registered
trademarks of OmniVision Technologies, Inc. OmniBSI is a trademark of OmniVision
Technologies, Inc. All other trademarks are the property of their respective owners.
4275 Burton Drive
Santa Clara, CA 95054
USA
Tel: + 1 408 567 3000
Fax: + 1 408 567 3001
www.ovt.com
OV480
System Block Diagram
OV480
sensor
hot pixel
correct
frame-rate
conversion
distortion/
perspective
correct
OSD
(+calibration)
YUV
damper
digital
video port
SCCB
master
program
memory
MCU
data RAM
TV encoder
TV DAC
analog
video
SCCB
slave
host
4-wire serial
interface
master
flash
SCCB
master
PLL
EEPROM
crystal/
oscillator
voltage
regulator
brown-out
detect
digital
video



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com