Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OV495 Datasheet(PDF) 2 Page - OmniVision Technologies, Inc.

Part # OV495
Description  local and global tone mapping support
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMNIVISION [OmniVision Technologies, Inc.]
Direct Link  http://www.ovt.com
Logo OMNIVISION - OmniVision Technologies, Inc.

OV495 Datasheet(HTML) 2 Page - OmniVision Technologies, Inc.

  OV495 Datasheet HTML 1Page - OmniVision Technologies, Inc. OV495 Datasheet HTML 2Page - OmniVision Technologies, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
¬
¬
Rear View Camera
Surround View System
¬
¬
e-Mirror
Camera Monitoring System (CMS)
Applications
¬
¬
¬
¬
¬
¬
¬
¬
¬
¬
¬
advanced 150Mp/s throughput ISP
for high quality image capturing and
video streaming
local and global tone mapping support
up to 3-capture HDR combination
supports distortion correction (DC) /
perspective correction (PC)
up to 190 degrees
supports four independent layers,
line and global
transparency control for each layer,
32 color/palette per image and
sizes up to 1080p overlay
on-chip DDR
embedded information including
frame counter, temperature, and
register data for each image to enable
critical automotive safety applications
auto white balance (AWB)
automatic exposure control (AEC) /
automatic gain control (AGC)
supports statistics data of up to four
user programmable ROIs
SCCB master/slave interface for
sensor and ASIC configuration
supports four-wire or two-wire serial
interface to retrieve stored firmware
from external memory devices,
such as EEPROM
on-chip PLL to generate internal clocks
on-chip voltage regulator 1.8V to 1.1V
brown-out detection circuit and
output flag
supports 2x2 lane MIPI RX/TX and
1x4 lane MIPI RX/TX
supports 12-bit DVP input, shared
with MIPI RX
supports 12-bit DVP output, shared
with MIPI TX
supports 24-bit DVP output, shared
with BT1120 output
embedded 32-bit RISC processor
for high performance and flexibility
supports 1K bits of one-time
programmable memory (OTP)
JTAG boundary scan
¬
¬
¬
¬
¬
¬
¬
¬
¬
¬
¬
¬
Product Features
¬
OV00495-U69G-2C
(lead-free, 169-pin BGA,
packed in tray)
¬
OV00495-U69G-TC
(lead-free, 169-pin BGA,
packed in tape and reel)
Ordering Information
¬
¬
power supply:
- core: 1.1V ±5%
- I/O: 1.8V ±5% or 3.3V ±5%
power requirements: 595 mW,
measured at 1920x1080 @ 30 fps,
DCG12+VS12 input from OV2775
via MIPI interface and 1920x1080
YUV 422 output via MIPI interface
with DCPC and OSD
¬
¬
temperature range:
- operating: -40°C to +105°C ambient
temperature and -40°C to +125°C
junction temperature
package dimensions: 7 mm x 7 mm
Product Specifications
OV495
Version 1.5, August, 2017
OmniVision reserves the right to make changes to their products or to discontinue any product or
service without further notice. OmniVision, the OmniVision logo and OmniPixel are registered
trademarks of OmniVision Technologies, Inc. OmniBSI-2 is a trademark of OmniVision Technologies,
Inc. All other trademarks are the property of their respective owners.
4275 Burton Drive
Santa Clara, CA 95054
USA
Tel: + 1 408 567 3000
Fax: + 1 408 567 3001
www.ovt.com
Functional Block Diagram
DVP IN
MIPI RX
DVP OUT
BT1120
MIPI TX
embedded
line
brown out
OSD
SCCBM0
DDR2
AWB
32-bit RISC CPU
firmware
AEC
tone
mapping
PRAM
boot
ROM
DC/PC
JTAG
temperature sensor
regulator
SPI I/F
UART I/F
SCCBM1
FSIN0
FSIN1
sensor
sensor
IDC
HDR
ISP
sensor
sensor
load
sensor
NTSC
video
SCCBS
SDA/SCL
PLL
XCLK
6 ~ 36 MHz
SPI
flash
OV495



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com