Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OV680 Datasheet(PDF) 2 Page - OmniVision Technologies, Inc.

Part # OV680
Description  Stand Alone 3D Bridge Chip for HD Sensors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMNIVISION [OmniVision Technologies, Inc.]
Direct Link  http://www.ovt.com
Logo OMNIVISION - OmniVision Technologies, Inc.

OV680 Datasheet(HTML) 2 Page - OmniVision Technologies, Inc.

  OV680 Datasheet HTML 1Page - OmniVision Technologies, Inc. OV680 Datasheet HTML 2Page - OmniVision Technologies, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
¬ Stand Alone 3D Bridge Chip for HD Sensors
Applications
¬
¬
¬
interfaces:
- four one-lane MIPI receiver for video
input
- can combine to dual 2-lane video input
- one channel two-lane MIPI transmitter
for video output
- up to 400 kHz SCCB with
13 MHz ~ 26 MHz input clock
- three general purpose IO (GPIO)
- one open drain output CMD_RDY
on-chip PLLs:
- system PLL - input clock frequency
ranges from 13 MHz to 26 MHz
- MIPI speed - 5x or 10x of system
clock for raw, 4x or 8x of system
clock for YUV
image signal processor (ISP)
- AEC/AGC/AWB
- two ISPs, one for each input video
stream
- max resolution: 1280 x 800
- max frame rate: 60 fps at 720p,
120 fps at VGA, 240 fps at QVGA
- defect pixel correction (DPC)
- lens shading correction (LENC)
SCCB:
- one SCCB master to control sensors
- one SCCB slave to take the
commands from host controller
- 7-bit SCCB slave device ID is fixed to
0x35 (0x6A for write, and 0x6B for
read)
- supports SCCB clock 100 kHz and
400 kHz
data format:
- input: raw
- output: raw 8/10-bit, YUV422
microcontroller:
- 8-bit microcontroller running at the
system clock
- 16 KByte program memory
power supply:
- 1.8V for DOVDD, 2.8V for MIPI and
PLL analog
- internal regulator generates 1.2V
DVDD from DOVDD for the digital
core circuit
- hardware standby mode: initiated by
pulling PWDN high, whole system
halts and input clock is gated
- software standby mode: initiated by
register, whole system except the
SCCB slave block halt
¬
¬
¬
¬
Product Features
¬
OV00680-B64G
(lead-free, 64-pin BGA)
Ordering Information
¬
¬
¬
power supply:
- core: 1.2V
- analog: 1.8V
- I/O: 1.8V
power requirements:
- hardware standby: 75 µW
temperature range:
- operating: -30°C to +70°C
junction temperature
¬
¬
¬
¬
output formats:
- 8-bit and 10-bit RAW RGB data
- YUV422 data
input clock frequency: 6 ~ 27 MHz
maximum image transfer rate: 120 fps
package dimensions:
5000 µm x 4500 µm
Product Specifications
OV680
Version 1.0, March, 2017
OmniVision reserves the right to make changes to their products or to discontinue any product or
service without further notice. OmniVision, the OmniVision logo and OmniPixel are registered
trademarks of OmniVision Technologies, Inc. OmniBSI-2 is a trademark of OmniVision Technologies,
Inc. All other trademarks are the property of their respective owners.
4275 Burton Drive
Santa Clara, CA 95054
USA
Tel: + 1 408 567 3000
Fax: + 1 408 567 3001
www.ovt.com
Functional Block Diagram
OV680
sensor0
MIPI RX0
image combine 0
(optional bypass)
(optional stitch)
image combine 2
(optional bypass)
MIPI TX
(virtual channel)
ISP 0
OVPB v2.6
(optional bypass)
MIPI RX0
sensor1
MIPI RX1 MIPI RX1
sensor2
MIPI RX2 MIPI RX2
sensor3
MIPI RX3
SCCB
master
8-bit
microcontroller
16K
program memory
SCCB
slave
MIPI RX3
MIPI RX0
MIPI RX1
MIPI RX2
MIPI RX3
MIPI RX0
MIPI RX1
MIPI RX2
MIPI RX3
MIPI RX0
MIPI RX1
MIPI RX2
MIPI RX3
MIPI RX0
MIPI RX1
MIPI RX2
MIPI RX3
image combine 1
(optional bypass)
(optional stitch)
ISP 1
OVPB v2.6
(optional bypass)
interface to host
(e.g. RESETB,
XCLK_H, etc.)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com