Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OV683 Datasheet(PDF) 2 Page - OmniVision Technologies, Inc.

Part # OV683
Description  Stand Alone 3D Bridge Chip for HD Sensors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMNIVISION [OmniVision Technologies, Inc.]
Direct Link  http://www.ovt.com
Logo OMNIVISION - OmniVision Technologies, Inc.

OV683 Datasheet(HTML) 2 Page - OmniVision Technologies, Inc.

  OV683 Datasheet HTML 1Page - OmniVision Technologies, Inc. OV683 Datasheet HTML 2Page - OmniVision Technologies, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
¬ Stand Alone 3D Bridge Chip for HD Sensors
Applications
¬
¬
¬
interfaces
- two 2-lane MIPI receiver for video
input
- one of the MIPI receivers can be
divided into dual 1-lane MIPI receivers
- one 4-lane MIPI receiver for video
input
- one 4-lane MIPI transmitter for video
output
- up to 1 MHz SCCB with
13 MHz ~ 26 MHz input clock
- two sets of SCCB master
- one set of SCCB master and slave
- four sensor frame rate control pin
- five general purpose IO (GPIO) pins
- UART and SPI interfaces
on-chip PLLs
- system PLL - input clock frequency
ranges from 13 MHz to 26 MHz
- MIPI speed - 5x or 10x of system
clock for RAW, 4x or 8x of system
clock for YUV
image signal processor (ISP)
- AEC/AGC/AWB
- two ISPs, one for each input video
stream
- 2592 x 1944 max resolution
- max frame rate:
• 24 fps at 5MP
• 30 fps at 4MP
• 60 fps at 1080p
• 120 fps at 720p
- lens shading correction (LENC)
- auto exposure and gain control
- auto white balance
- defect pixel correction
- auto contrast enhancement
- gamma correction
- YCbCr422 process
SCCB
- two sets of SCCB masters to control
multiple sensors
- one SCCB master/slave to take the
commands from host controller
- 7-bit SCCB slave device ID is fixed to
0x44 (0x88 for write, and 0x89 for
read)
- 7-bit SCCB slave device ID is fixed to
0x42 (0x84 for write, and 0x85 for
read)
- supports SCCB clock 100 kHz and
400 kHz and 1 MHz
data format
- input: RAW 8/10/12-bit, YUV422
- output: RAW 8/10/12-bit, YUV422
microcontroller
- 32-bit microcontroller running at
the system clock
- 64 KByte program memory,
32 KB ROM
power supply
- 1.8V for IO voltage
(e.g., PADVDD18),
1.8V for analog voltage
(e.g., M*AVDD)
- internal regulator generates 1.2V
C*VDD12 from PADVDD18 for the
digital core circuit
- hardware standby mode initiated by
pulling PWDN high, whole system
halts and input clock is gated
- software standby mode initiated by
register
¬
¬
¬
¬
Product Features
¬
OV00683-B33G-Z
(lead-free, 133-pin BGA)
Ordering Information
¬
¬
¬
power supply:
- core: 1.2V
- analog: 1.8V
- I/O: 1.8V
power requirements:
- hardware standby: 100 µW
temperature range:
- operating: -30°C to +70°C
junction temperature
¬
¬
¬
¬
output formats:
- 8/10-bit RAW RGB data
- YUV422 data
input clock frequency: 6 ~ 27 MHz
maximum image transfer rate: 120 fps
package dimensions: 7 mm x 7 mm
Product Specifications
OV683
Version 1.0, October, 2016
OmniVision reserves the right to make changes to their products or to discontinue any product or
service without further notice. OmniVision, the OmniVision logo and OmniPixel are registered
trademarks of OmniVision Technologies, Inc. OmniBSI-2 is a trademark of OmniVision Technologies,
Inc. All other trademarks are the property of their respective owners.
4275 Burton Drive
Santa Clara, CA 95054
USA
Tel: + 1 408 567 3000
Fax: + 1 408 567 3001
www.ovt.com
Functional Block Diagram
OV683
MIPI
RX0
depth
sensor
0
depth
sensor
1
main
sensor
FSIN
CLK
OSC
SPI-flash
MIPITX0
(1x4)
hostAP
SCCB
slave
CLK 0
SCCB M0
MIPI
RX1
MIPI
RX2
CLK 1
SCCB M1
depth sensors and main sensor
through virtual channel



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com