Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM433MA Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM433MA
Description  Dual Op Amp with On-Chip Fixed 2.5V Reference
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM433MA Datasheet(HTML) 2 Page - National Semiconductor (TI)

  LM433MA Datasheet HTML 1Page - National Semiconductor (TI) LM433MA Datasheet HTML 2Page - National Semiconductor (TI) LM433MA Datasheet HTML 3Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Absolute Maximum Ratings (Notes 1, 3)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
Suppy Voltage (V
S)
20V
Storage Temperature
−65˚C to 150˚C
Junction Temperature (T
J)
150˚C
ESD Human Body Model
2kV
Input Voltage Range
−0.3V to 20V
Operating Ratings(Note 2),(Note 3)
Temperature Range
−40˚C to 85˚C
Supply Voltage (Note 8)
2.5V to 16V
Thermal Resistance(
θ
JA)
162˚C/W
Electrical Characteristics
The following specifications apply for both amplifiers at V
S = 5V, VCM = 2.5V, VO = 2.5V, RL = ∞, and TJ = 25˚C, unless other-
wise noted.
Symbol
Parameter
Conditions
Min
(Note 5)
Typ
(Note 4)
Max
(Note 5)
Units
OP Amp Circuitry
V
OS
Input Offset Voltage
Amplifier B only
−7
2
7
mV
I
OS
Input Offset Current
Amplifier B only
1
50
nA
I
B
Input Bias Current
Amplifier B only
3
150
nA
V
CM
Common-Mode Input Voltage Range
Amplifier B only,
CMRR > 50dB
0V
S-1
V
I
S
Power Supply Current
Total for both amplifiers
150
500
µA
A
V
Voltage Gain
V
S = 16V, 1V < VO < 11V,
R
L = 10k
Ω connected to V
S/2
65
100
dB
V
OL
Output Voltage Low
2
50
mV
V
OH
Output Voltage High
V
S – 1.5
V
S – 1.3
V
I
SOURCE
Output Current Source
20
30
mA
I
SINK
Output Current Sink
5
11
mA
Reference Circuitry For Op Amp A The following specifications apply for I
Z = 200µA and TJ = 25˚C, unless otherwise noted.
V
Z
Reference Voltage at IN
+ Terminal
2.425
2.5
2.575
V
V
ZDEV
Reference Voltage Deviation at IN
+
Terminal Over Temperature
(Note 6),(Note 9)
−40˚C
≤ T
J
≤ 85˚C
4
65
mV
I
Z (MIN)
Minimum Cathode Current for
Regulation at IN
+ (V
Z) Terminal
150
200
µA
r
z
Dynamic Output Impedance (Note 7)
200µA < I
Z < 1mA, Freq =
0Hz
0.2
Ω
Note 1: Absolute Maximum Ratings indicate limits beyond which damage to the device may occur.
Note 2: Operating Rating indicate conditions for which the device is functional. These rating do not guarantee specific performance limits. For guaranteed
specifications and test conditions, see the Electrical Characteristics. The guaranteed specifications apply only for the test conditions listed. Some performance
characteristics may degrade when the device is not operated under the listed test conditions.
Note 3: All voltages are measured with respect to GND = 0VDC, unless otherwise specified.
Note 4: Typicals represent the most likely parametic norm.
Note 5: Guaranteed to National’s Average Outgoing Quality Level (AOQL).
Note 6: Reference voltage deviation, VZDEV, is defined as the maximum variation of the reference input voltage over the full temperature range.
Note 7: The Dynamic Output Impendance, rz, is defined as rz = ∆VZ/∆IZ
.
Note 8: Minimum value of operating voltage is for Amplifier B only.
Note 9: Typical Temperature drift
∆V/∆T = 12.8ppm/˚C
www.national.com
2



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com