Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AC906-8G-RWH Datasheet(PDF) 2 Page - A-Data Technology

Part # AC906-8G-RWH
Description  Simplistic and compact design
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A-DATA [A-Data Technology]
Direct Link  https://www.adata.com
Logo A-DATA - A-Data Technology

AC906-8G-RWH Datasheet(HTML) 2 Page - A-Data Technology

  AC906-8G-RWH Datasheet HTML 1Page - A-Data Technology AC906-8G-RWH Datasheet HTML 2Page - A-Data Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Features
Ordering Information
● Simplistic and compact design
Capacity
Model Number
EAN Code
● Available in classic black or white
8GB
AC906-8G-RWH
4718050608461
● Easy-store cap fits on back of drive
8GB
AC906-8G-RBK
4718050608904
to prevent misplacing it
16GB
AC906-16G-RWH
4718050608478
● Simple driver-less plug n play
16GB
AC906-16G-RBK
4718050608911
● Suitable for notebooks, entertainment
32GB
AC906-32G-RWH
4713435791905
systems and more
32GB
AC906-32G-RBK
4713435791912
● Supports Windows, Mac OS, and Linux
Specifications
● Capacity: 8GB/ 16GB / 32GB
● Colors: black / white
● Dimensions (L x W x H):
58 x 18 x 10mm / 2.3 x 0.7 x 0.4 inch
● Weight: 9g / 0.3oz
● Interface: USB 2.0
● System Requirements:
- Windows XP / Vista / 7 / 8 / 8.1 / 10
- Mac OS X 10.6 or later
- Linux Kernel 2.6 or later
● Warranty: lifetime



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com