Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD4S2133W8G15-R Datasheet(PDF) 2 Page - A-Data Technology

Part # AD4S2133W8G15-R
Description  New generation DDR4 performance
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A-DATA [A-Data Technology]
Direct Link  https://www.adata.com
Logo A-DATA - A-Data Technology

AD4S2133W8G15-R Datasheet(HTML) 2 Page - A-Data Technology

  AD4S2133W8G15-R Datasheet HTML 1Page - A-Data Technology AD4S2133W8G15-R Datasheet HTML 2Page - A-Data Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
are simple to install and are guaranteed
compatible.
Specifications
● For notebook PCs
● 260-pin SO-DIMM
● Densities: 4GB/8GB
● Power supply: VDD and VDDQ=1.2V ±0.06V
● DRAM activation power supply: VPP= 2.5V
(+0.25V/-0.125V)
● DRAM spec/VCC: DDR4 STD 1.2V
● Operating temperatures: 0°C to 85°C
● Warranty: limited lifetime warranty
Ordering Information
Capacity
Package
Model Number
EAN Code
4GB
512x8
Bulk
AD4S2133W4G15-B
N/A
Single tray
AD4S2133W4G15-S
4713435799857
Retail
AD4S2133W4G15-R
4713435799864
Dual retail
AD4S2133W4G15-2
4713435799871
8GB
512x8
Bulk
AD4S2133W8G15-B
N/A
Single tray
AD4S2133W8G15-S
4713435799918
Retail
AD4S2133W8G15-R
4713435799925
Dual retail
AD4S2133W8G15-2
4713435799932



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com