Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD710PRO Datasheet(PDF) 2 Page - A-Data Technology

Part # HD710PRO
Description  Military-grade plus for drops from 1.5m
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A-DATA [A-Data Technology]
Direct Link  https://www.adata.com
Logo A-DATA - A-Data Technology

HD710PRO Datasheet(HTML) 2 Page - A-Data Technology

  HD710PRO Datasheet HTML 1Page - A-Data Technology HD710PRO Datasheet HTML 2Page - A-Data Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Guarded by durable triple-layered
construction
The HD710 Pro has three primary layers coating it,
from tough silicone, through a shock absorbing
buffer, the tough plastic shell that's closest to the
drive itself and holds it firmly in place.
Features
● Military-grade plus for drops from 1.5m
● Beyond IPX8 (2m for 60 minutes in water)
● IP6X total dust-tight protection
● Durable triple-layered construction
● G Shock vibration sensing technology
● Neat cable management
Specifications
● Interface: USB 3.1
● Capacity: 1TB/2TB/3TB/4TB(Black only)/
5TB(Black only)
● Color: Yellow/Red/Black/Blue
● Dimensions (L x W x H):
133.3 x 98.5 x 21.5mm/5.2 x 3.8 x 0.8"(1TB/2TB)
133.3 x 98.5 x 26.7mm/5.2 x 3.8 x 1.0"
(3TB/4TB/5TB)
● Weight:
270g /9.5oz (1TB/2TB)
390g/13.7oz (3TB/4TB/5TB)
● Warranty: 3 years
Ordering Information
Capacity
Model Number
EAN Code
1TB
■ AHD710P-1TU31-CBK
4713218460394
2TB
■ AHD710P-2TU31-CBK
4713218460424
3TB
■ AHD710P-3TU31-CBK
4713218460448
4TB
■ AHD710P-4TU31-CBK
4713218461209
5TB
■ AHD710P-5TU31-CBK
4713218463074
1TB
■ AHD710P-1TU31-CRD
4713218460417
2TB
■ AHD710P-2TU31-CRD
4713218460431
3TB
■ AHD710P-3TU31-CRD
4712366969933
1TB
■ AHD710P-1TU31-CBL
4713218460400
2TB
■ AHD710P-2TU31-CBL
4713218460677
3TB
■ AHD710P-3TU31-CBL
4712366969940
1TB
■ AHD710P-1TU31-CYL
4713218460660
2TB
■ AHD710P-2TU31-CYL
4713218460684



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com