Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S102PRO Datasheet(PDF) 2 Page - A-Data Technology

Part # S102PRO
Description  Meeting the Challenge of High-
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A-DATA [A-Data Technology]
Direct Link  https://www.adata.com
Logo A-DATA - A-Data Technology

S102PRO Datasheet(HTML) 2 Page - A-Data Technology

  S102PRO Datasheet HTML 1Page - A-Data Technology S102PRO Datasheet HTML 2Page - A-Data Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Features
Ordering Information
● Attractive Aluminum body with metal finish
Capacity
Model Number
EAN Code
● 256GB read/write performance up to
16GB
■
AS102P-16G-RGY
4713435793329
200/120 MB/s
32GB
■
AS102P-32G-RGY
4713435793336
● Snap-on cap design to prevent cap loss
64GB
■
AS102P-64G-RGY
4713435797204
128GB
■
AS102P-128G-RGY
4713435792995
256GB
■
AS102P-256G-RGY
4712366961159
16GB
■
AS102P-16G-RBL
4713435795194
32GB
■
AS102P-32G-RBL
4713435795200
64GB
■
AS102P-64G-RBL
4713435797198
Specifications
Performance
● Interface: USB 3.0
Capacity
Seq. Read (max.)
Seq. Write (max.)
● Capacity: 16GB-256GB
16GB
90 MB/sec
25 MB/sec
● Dimensions (L x W x H):
32GB
90 MB/sec
25 MB/sec
62 x 19 x 11mm (2.4 x 0.7 x 0.4in)
64GB
100 MB/sec
50 MB/sec
● Weight: 13g (0.5oz)
128GB
100 MB/sec
50 MB/sec
● Warranty: Lifetime
256GB
200 MB/sec
120 MB/sec



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com